Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS47L35 Datasheet(PDF) 223 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 223 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 219Page - Cirrus Logic CS47L35 Datasheet HTML 220Page - Cirrus Logic CS47L35 Datasheet HTML 221Page - Cirrus Logic CS47L35 Datasheet HTML 222Page - Cirrus Logic CS47L35 Datasheet HTML 223Page - Cirrus Logic CS47L35 Datasheet HTML 224Page - Cirrus Logic CS47L35 Datasheet HTML 225Page - Cirrus Logic CS47L35 Datasheet HTML 226Page - Cirrus Logic CS47L35 Datasheet HTML 227Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 300 page
background image
DS1085F3
223
CS47L35
4.20 JTAG Interface
4.20 JTAG Interface
The JTAG interface provides test and debug access to the CS47L35 DSP core. The interface comprises five pins, as
detailed below.
• TCK: clock input
• TDI: data input
• TDO: data output
• TMS: mode select input
• TRST: test access port reset input (active low)
For normal operation (test and debug access disabled), the JTAG interface should be held in reset (i.e., TRST should be
at Logic 0). An internal pull-down resistor holds the TRST pin low when not actively driven. External connection to DGND
is recommended, if the JTAG interface function is not required.
The other JTAG input pins (TCK, TDI, TMS) should also be held at Logic 0 for normal operation. An internal pull-down
resistor holds these pins low when not actively driven.
If the JTAG interface is enabled (TRST deasserted and TCK active) at the time of any reset, a software reset must be
scheduled, with the TCK input stopped or TRST asserted (Logic 0), before using the JTAG interface.
It is recommended to always schedule a software reset before starting the JTAG clock or deasserting the JTAG reset. In
this event, the JTAG interface should be held in its reset state until the software reset has completed, and the BOOT_
DONE_STSx bits have been set.
See Section 4.23 for further details of the CS47L35 software reset.
4.21 Thermal, Short-Circuit, and Timer-Controlled Protection
The CS47L35 incorporates thermal protection, short-circuit detection, and timer-controlled speaker disable functions;
these are described in the following subsections.
4.21.1 Thermal Shutdown
The temperature sensor detects when the device temperature is within normal limits or if the device is approaching a
hazardous temperature condition.
The temperature sensor is an input to the interrupt control circuit and can be used to trigger an interrupt event; see
Section 4.15. A two-stage indication is provided, via the SPK_OVERHEAT_WARN_EINTn and SPK_OVERHEAT_EINTn
interrupts.
If the upper temperature threshold (SPK_OVERHEAT_EINTn) is exceeded, the Class D speaker outputs are
automatically disabled in order to protect the device. When the speaker driver shutdown is complete, a further interrupt,
SPK_SHUTDOWN_EINTn, is asserted.
0x06
1.050 V
0x0F
1.275 V
0x1D
2.300 V
0x07
1.075 V
0x15
1.500 V
0x1E
2.400V
0x08
1.100 V
0x16
1.600 V
0x1F
2.500 V
0x09
1.125 V
0x17
1.700 V
0x25
3.100 V
0x0A
1.150 V
0x18
1.800 V
0x26
3.200 V
0x0B
1.175 V
0x19
1.900 V
0x27
3.300 V
0x0C
1.200 V
0x1A
2.000 V
0x28 to 0x3F
3.300 V
0x0D
1.225 V
0x1B
2.100 V
Table 4-113. LDO2 Voltage Control (Cont.)
LDO2_VSEL[5:0]
LDO Output
LDO2_VSEL[5:0]
LDO Output
LDO2_VSEL[5:0]
LDO Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com