| Electronic Components Datasheet Search |
|
CS47L35 Datasheet(PDF) 225 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS47L35 Datasheet(HTML) 225 Page - Cirrus Logic |
|
225 / 300 page ![]() DS1085F3 225 CS47L35 4.22 Power-On Reset (POR) 4.22.1 Boot Sequence Following power-on reset, a boot sequence is executed. The BOOT_DONE_STSx bits are asserted on completion of the boot sequence, as described in Table 4-115. Control-register writes should not be attempted until BOOT_DONE_STSx has been asserted. Note that the BOOT_DONE_STS1 and BOOT_DONE_STS2 bits provide the same information. The BOOT_DONE_STSx signal is an input to the interrupt control circuit and can be used to trigger an interrupt event on completion of the boot sequence; see Section 4.15. Under default register conditions, a falling edge on the IRQ pin indicates completion of the boot sequence. For details of the boot sequence, see Section 4.18. 4.22.2 Digital I/O Status in Reset Table 4-116 describes the default status of the CS47L35 digital I/O pins on completion of power-on reset and before any register writes. The same default conditions are also applicable on completion of a hardware reset or software reset (see Section 4.23). The same default conditions are applicable following a wake-up transition, except for the IRQ and RESET pins. These are always-on pins whose configuration is unchanged in Sleep Mode and during a wake-up transition. Note that the default conditions described in Table 4-116 are not valid if modified by the boot sequence or by a wake-up control sequence. See Section 4.18 for details of these functions. Table 4-115. Device Boot-Up Status Register Address Bit Label Default Description R6272 (0x1880) IRQ1_Raw_ Status_1 7 BOOT_DONE_ STS1 0 Boot Status 0 = Busy (boot sequence in progress) 1 = Idle (boot sequence completed) Control register writes should not be attempted until Boot Sequence has completed. R6528 (0x1980) IRQ2_Raw_ Status_1 7 BOOT_DONE_ STS2 0 Boot Status 0 = Busy (boot sequence in progress) 1 = Idle (boot sequence completed) Control register writes should not be attempted until Boot Sequence has completed. Table 4-116. CS47L35 Digital I/O Status in Reset Power Domain Pin No Name Type Reset Status MICVDD 1 E3 IN1ALN/DMICCLK1 Analog input/Digital output Analog input C1 IN1ARN/DMICDAT1 Analog input/Digital input Analog input H4 IN2LN/DMICCLK2 Analog input/Digital output Analog input E1 IN2RN/DMICDAT2 Analog input/Digital input Analog input DBVDD1 T12 AIF1BCLK/GPIO9 Digital I/O Digital input (GPIO), bus-keeper enabled 2 R11 AIF1LRCLK/GPIO11 Digital I/O Digital input (GPIO), bus-keeper enabled 2 P10 AIF1RXDAT/GPIO8 Digital I/O Digital input (GPIO), bus-keeper enabled 2 T10 AIF1TXDAT/GPIO10 Digital I/O Digital input (GPIO), bus-keeper enabled 2 M10 CIF1MISO Digital output Digital output L9 CIF1MOSI Digital input Digital input L11 CIF1SCLK Digital input Digital input K10 CIF1SS Digital input Digital input P12 CIF2SCLK Digital input Digital input N11 CIF2SDA Digital I/O Digital input J9 IRQ Digital output Digital output M12 MCLK1 Digital input Digital input T8 MIF1SCLK/GPIO16 Digital I/O Digital input (GPIO), bus-keeper enabled 2 P8 MIF1SDA/GPIO7 Digital I/O Digital input (GPIO), bus-keeper enabled 2 H8 RESET Digital input Digital input, Pull-up to DBVDD1 R9 SLIMCLK Digital I/O Digital input N9 SLIMDAT Digital I/O Digital input |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |