| Electronic Components Datasheet Search |
|
CS47L35 Datasheet(PDF) 243 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS47L35 Datasheet(HTML) 243 Page - Cirrus Logic |
|
243 / 300 page ![]() DS1085F3 243 CS47L35 5.5 PCB Layout Considerations Fig. 5-19 shows AIF Slave Mode operation, using a separate interface as the clock reference. In this example, the FLL is used to generate the system clock, with SLIMCLK as the reference. For correct operation, the SLIMCLK input must be fully synchronized to the other audio interfaces. Figure 5-19. AIF Slave Mode, Using Another Interface as Reference 5.5 PCB Layout Considerations Poor PCB layout degrades the performance and is a contributory factor in EMI, ground bounce, and resistive voltage losses. All external components should be placed as close to the CS47L35 device as possible, with current loop areas kept as small as possible. 6 Register Map The CS47L35 control registers are listed in the following tables. Note that only the register addresses described here should be accessed; writing to other addresses may result in undefined behavior. Register bits that are not documented should not be changed from the default values. The CS47L35 register map is defined in two regions: • The codec register space (below 0x3000) is defined in 16-bit word format • The DSP register space (from 0x3000 upwards) is defined in 32-bit word format It is important to ensure that all control interface register operations use the applicable data word format, in accordance with the applicable register addresses. The 16-bit codec register space is described in Table 6-1. AIFnBCLK AIFnLRCLK AIFnRXDAT AIFnTXDAT FLL1_REFCLK_SRC FLL1 Processor Synchronous Clock Generator AIFnBCLK AIFnLRCLK AIFnRXDAT AIFnTXDAT SLIMCLK SLIMDAT FRAMER_REF_GEAR Processor Processor AIFn (Slave Mode) AIFn (Slave Mode) SLIMbus Interface Automatic Divider MCLK1 MCLK2 SYSCLK SYSCLK_SRC AIFnBCLK SLIMCLK MCLK1 MCLK2 CS47L35 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |