Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEL12H24 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STEL12H24
Description  Electronic switch for 12 V, 5 V and 3.3 V buses
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEL12H24 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STEL12H24 Datasheet HTML 2Page - STMicroelectronics STEL12H24 Datasheet HTML 3Page - STMicroelectronics STEL12H24 Datasheet HTML 4Page - STMicroelectronics STEL12H24 Datasheet HTML 5Page - STMicroelectronics STEL12H24 Datasheet HTML 6Page - STMicroelectronics STEL12H24 Datasheet HTML 7Page - STMicroelectronics STEL12H24 Datasheet HTML 8Page - STMicroelectronics STEL12H24 Datasheet HTML 9Page - STMicroelectronics STEL12H24 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
5
Electrical characteristics
VCC = 3.3 V, VIN = 12 V, CIN = 1 µF, COUT = 10 µF, VEN = 3.3 V, RPG = 100 kΩ, CSR = 100 nF, TJ = 25 °C unless
otherwise specified.
Table 6. Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIN
Operating input voltage
- 40 °C ≤ TJ ≤ 125 °C
0.5
13.5
V
VCC
Operating supply voltage
- 40 °C ≤ TJ ≤ 125 °C
3
13.5
V
VIN-UVLO
VIN undervoltage lockout
VIN rising
0.25
0.35
0.45
V
Hysteresis
20
30
50
mV
VCC-UVLO
VCC undervoltage lockout
VCC rising
2.6
V
Hysteresis
160
mV
ISTBY
Standby supply current
VEN = 0; VCC = 3 V
3
5
µA
VEN = 0; VCC = 5 V
6
8
VEN = 0; VCC = 12 V
8
10
IOP
Operating supply current
VEN = VCC = 3 V; VIN = 12 V
80
200
µA
VEN = VCC = 5.5 V; VIN = 1.8 V
200
300
VEN = VCC = 12 V; VIN = 1.8 V
300
400
RON
On-resistance
VCC = 3.3 V; VIN = 1.8 V
5
6.5
mΩ
VCC = 3.3 V; VIN = 5 V
4.5
6
VCC = 3.3 V; VIN = 12 V
4.5
6
VCC = VIN = 3.3 V
5
6.5
VCC = VIN = 5.0 V
4.5
6
VCC = VIN = 12 V
4.5
6
ILEAK
MOSFET leakage current
VEN = 0; VIN = 13.5 V
0.1
1
µA
Rb
Bleed resistance
VEN = 0; VCC = 3 V; VIN = 0.5 V
80
95
110
Ω
VEN = 0; VCC = 5 V; VIN = 1 V
80
95
110
VEN = 0; VCC = 12 V; VIN = 2 V
80
95
110
IBLEED
Bleed pin leakage current
VEN = VCC = 3 V; VIN = 1.8 V
6
8
µA
VEN = VCC = 3 V; VIN = 12 V
40
52
VIH
EN input high voltage
VCC = 3 to 12 V
2.0
V
VIL
EN input low voltage
VCC = 3 to 12 V
0.4
V
IIL
EN input leakage current
VEN = 0 V
10
100
nA
RPD
EN pull down resistance
VCC = 3.3 V, VIN = 3.3 V
100
130
160
kΩ
VOL
PG low voltage level
VCC = 3 V; ISINK = 5 mA
0.2
V
IOH
PG leakage current
VCC = 3 V; VTERM = 3.3 V (see
Figure 4)
10
100
nA
KSR
Slew rate constant
VCC = 3 V
21
30
40
µA
VCC = 12 V
28
36
44
STEL12H24
Electrical characteristics
DS13821 - Rev 1
page 6/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com