Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEL12H24 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STEL12H24
Description  Electronic switch for 12 V, 5 V and 3.3 V buses
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEL12H24 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STEL12H24 Datasheet HTML 13Page - STMicroelectronics STEL12H24 Datasheet HTML 14Page - STMicroelectronics STEL12H24 Datasheet HTML 15Page - STMicroelectronics STEL12H24 Datasheet HTML 16Page - STMicroelectronics STEL12H24 Datasheet HTML 17Page - STMicroelectronics STEL12H24 Datasheet HTML 18Page - STMicroelectronics STEL12H24 Datasheet HTML 19Page - STMicroelectronics STEL12H24 Datasheet HTML 20Page - STMicroelectronics STEL12H24 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
8
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
8.1
DFN12 (3 x 3 mm) package information
Figure 33. DFN12 (3 x 3 mm) package outline
BOTTOM VIEW
SIDE VIEW
TOP VIEW
STEL12H24
Package information
DS13821 - Rev 1
page 17/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com