Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEL12H24 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STEL12H24
Description  Electronic switch for 12 V, 5 V and 3.3 V buses
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEL12H24 Datasheet(HTML) 4 Page - STMicroelectronics

  STEL12H24 Datasheet HTML 1Page - STMicroelectronics STEL12H24 Datasheet HTML 2Page - STMicroelectronics STEL12H24 Datasheet HTML 3Page - STMicroelectronics STEL12H24 Datasheet HTML 4Page - STMicroelectronics STEL12H24 Datasheet HTML 5Page - STMicroelectronics STEL12H24 Datasheet HTML 6Page - STMicroelectronics STEL12H24 Datasheet HTML 7Page - STMicroelectronics STEL12H24 Datasheet HTML 8Page - STMicroelectronics STEL12H24 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
3
Typical application circuit
Figure 3. Typical application
Table 2. Typical application components
Symbol
Value
Description
Note
CIN
0.1 µF
Input capacitor
Higher value might be needed
in case of noisy input voltage
CCC
0.1 µF
Control logic bypass capacitor
RBLEED
VIN = 12 V
560 Ω
Minimum bleed resistor
VIN = 5 V
200 Ω
VIN = 3.3 V
100 Ω
CSR
100 nF
Slew rate capacitor
CSR of 100 nF minimum
nominal value must be always
connected
RPG
100 kΩ
Power Good pull-up resistor
COUT
10 µF
Output capacitor
STEL12H24
Typical application circuit
DS13821 - Rev 1
page 4/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com