Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEL12H24 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STEL12H24
Description  Electronic switch for 12 V, 5 V and 3.3 V buses
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEL12H24 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STEL12H24 Datasheet HTML 3Page - STMicroelectronics STEL12H24 Datasheet HTML 4Page - STMicroelectronics STEL12H24 Datasheet HTML 5Page - STMicroelectronics STEL12H24 Datasheet HTML 6Page - STMicroelectronics STEL12H24 Datasheet HTML 7Page - STMicroelectronics STEL12H24 Datasheet HTML 8Page - STMicroelectronics STEL12H24 Datasheet HTML 9Page - STMicroelectronics STEL12H24 Datasheet HTML 10Page - STMicroelectronics STEL12H24 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VSC
Short-circuit protection
threshold
VCC = 3 V; VIN = 0.5 V
240
260
280
mV
VCC = 3 V; VIN = 13.5 V
240
260
280
OVP
Overvoltage protection
threshold
17
17.5
V
TSHDN
Thermal shutdown
145
°C
Hysteresis
18
Figure 4. Switching characteristics test circuit
Table 7. Switching characteristics table
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
SR
Output slew rate
VCC = 3.3 V; VIN = 1.8 V
2.94
kV/s
VCC = 5.0 V; VIN = 1.8 V
2.9
VCC = 3.3 V; VIN = 12 V
3
VCC = 5.0 V; VIN = 12 V
3.2
VCC = VIN = 3.3 V
2.9
VCC = VIN = 5.0 V
3.2
VCC = VIN = 12 V
3.6
TON
Turn-on delay
VCC = 3.3 V; VIN = 1.8 V
1.5
ms
VCC = 5.0 V; VIN = 1.8 V
1.7
VCC = 3.3 V; VIN = 12 V
1.7
VCC = 5.0 V; VIN = 12 V
1.93
VCC = VIN = 3.3 V
1.5
VCC = VIN = 5.0 V
1.8
VCC = VIN = 12 V
1.8
TOFF
Turn-off delay
VCC = 3.3 V; VIN = 1.8 V
100
µs
VCC = 5.0 V; VIN = 1.8 V
100
STEL12H24
Electrical characteristics
DS13821 - Rev 1
page 7/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com