Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEL12H24 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STEL12H24
Description  Electronic switch for 12 V, 5 V and 3.3 V buses
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEL12H24 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STEL12H24 Datasheet HTML 6Page - STMicroelectronics STEL12H24 Datasheet HTML 7Page - STMicroelectronics STEL12H24 Datasheet HTML 8Page - STMicroelectronics STEL12H24 Datasheet HTML 9Page - STMicroelectronics STEL12H24 Datasheet HTML 10Page - STMicroelectronics STEL12H24 Datasheet HTML 11Page - STMicroelectronics STEL12H24 Datasheet HTML 12Page - STMicroelectronics STEL12H24 Datasheet HTML 13Page - STMicroelectronics STEL12H24 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
6
Application information
6.1
Enable pin
If the VCC is inside its operating range, the STEL12H24 is enabled by driving the EN pin above the VIH threshold.
When the VIH threshold is crossed, the internal blocks are turned on and, after TON time, the soft-start procedure
to activate the MOSFET starts.
6.2
Undervoltage lockout
The STEL12H24 has two UVLO circuits: one on the VCC pin and another on VIN pin.
When the undervoltage lockout threshold VCC-UVLO is crossed (VCC rising), the STEL12H24 enables a timer
of 1.2 ms, which activates a discharge circuit for the soft-start cap. This avoids inrush current if the soft-start
capacitor remained charged before the VCC-UVLO threshold was crossed.
The VIN-UVLO acts on the VIN pin. If the voltage on the VIN pin is below VIN-UVLO threshold, the MOSFET is OFF
and the discharge circuit is activated.
Both the UVLO circuits are disabled when EN pin is low.
6.3
Quick discharge
The STEL12H24 has an internal discharge switch and resistor connected between BLEED pin and GND which
allows discharging the load capacitor when the MOSFET is turned off (please refer to Figure 1). The discharge
switch and the MOSFET work always in an opposite manner, when one is ON the other is OFF and vice versa.
The BLEED pin must be connected to VOUT through an external series resistor RBLEED. The series resistor
minimum value must be calculated in order to limit the power dissipation on the internal Rb below 160 mW and to
limit its current to 20 mA maximum.
The minimum RBLEED can be calculated using the following formula:
RBLEED [kΩ] = VIN / 20 – Rb (min).
6.4
Power Good
The Power Good (PG) pin provides the information about the gate of the MOSFET. It is an open-drain output
that goes high when the gate of the MOSFET is fully charged thus giving indication about the operation of
the STEL12H24. For whatever reason the MOSFET is turned off (Enable, Thermal protection, UVLO, OVP or
short-circuit) the PG pin is pulled low. It is recommended to connect a pull-up resistor greater than 1 kΩ between
PG pin and any supply voltage in the system lower than PG pin AMR.
6.5
Short-circuit protection
The STEL12H24 is protected against short-circuit condition at the output. An internal comparator monitors the
voltage difference between VIN and BLEED pins. When this voltage exceeds the VSC threshold, the MOSFET is
turned off and the discharge switch is activated. The device restarts automatically with a controlled soft-start.
The short-circuit trigger point can be reduced by connecting an external resistor between BLEED and VOUT. The
leakage current flowing into the BLEED pin increases the voltage drop monitored by the internal comparator thus
triggering a lower short-circuit current protection.
6.6
Slew rate control
One of the key features of the STEL12H24 is the controlled ramp-up of the MOSFET current during turn-on. This
feature allows to limit the inrush current in hot swap applications.
The gate voltage of the MOSFET is increased linearly by mirroring the voltage ramp on the internal soft-start
capacitor which provides a default value for the ramp-up time. This time can be increased by connecting a
capacitor to CSR pin. The CSR pin is charged with a constant current of KSR so the slew rate is given by the
formula:
SREXT=8 × KSRCSR Vs
(1)
STEL12H24
Application information
DS13821 - Rev 1
page 10/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com