Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEL12H24 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEL12H24
Description  Electronic switch for 12 V, 5 V and 3.3 V buses
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEL12H24 Datasheet(HTML) 1 Page - STMicroelectronics

  STEL12H24 Datasheet HTML 1Page - STMicroelectronics STEL12H24 Datasheet HTML 2Page - STMicroelectronics STEL12H24 Datasheet HTML 3Page - STMicroelectronics STEL12H24 Datasheet HTML 4Page - STMicroelectronics STEL12H24 Datasheet HTML 5Page - STMicroelectronics STEL12H24 Datasheet HTML 6Page - STMicroelectronics STEL12H24 Datasheet HTML 7Page - STMicroelectronics STEL12H24 Datasheet HTML 8Page - STMicroelectronics STEL12H24 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Features
•
Power Input voltage from 0.5 V to 13.5 V
•
Analog input voltage from 3.0 V to 13.5 V
•
17 A max DC output current
•
Embedded 4.5 mΩ N-channel MOSFET
•
Internal output discharge path
•
Power Good
•
Soft-start controlled with external capacitor
•
Undervoltage lockout
•
Short-circuit protection
•
Thermal protection
•
Operating junction temperature range: -40 °C to 125 °C
Application
•
Bus protection
•
Hot-swap and peripheral port protection
•
Telecom, Networking and Industrial equipment
•
Servers and Gateways
Description
The STEL12H24 is an integrated controlled inrush and overcurrent protection device
optimized for power bus architectures.
When connected to a 12 V, 5 V or 3.3 V power rail, it is able to limit the inrush
current, detect input voltage faults and short-circuit conditions and signal these
events via a Power Good output.
The low RDSON value of the integrated MOSFET guarantees these conditions and
low power dissipation during normal operation.
The device is available in a DFN12 leads 3 x 3 mm.
Maturity status link
STEL12H24
Electronic switch for 12 V, 5 V and 3.3 V buses
STEL12H24
Datasheet
DS13821 - Rev 1 - October 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STEL12H24

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STEL-2020 ETC-STEL-2020 Datasheet
1Mb / 11P
Convolutional-FEC-Viterbi Error Circuit - Burst and continuous modes
STEL2020 ETC-STEL2020 Datasheet
1Mb / 11P
Convolutional-FEC-Viterbi Error Circuit - Burst and continuous modes
logo
STMicroelectronics
STELPD01 STMICROELECTRONICS-STELPD01 Datasheet
1Mb / 27P
Electronic load switch for power line
17-Jan-2022
STELPD01APUR STMICROELECTRONICS-STELPD01APUR Datasheet
1Mb / 27P
Electronic load switch for power line
17-Jan-2022
More results

Similar Description - STEL12H24

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7943 AD-AD7943 Datasheet
329Kb / 16P
3.3 V/5 V Multiplying 12-Bit DACs
REV.B
ADP1073 AD-ADP1073 Datasheet
442Kb / 16P
Micropower DC.DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV.0
AD7943BRSZ AD-AD7943BRSZ Datasheet
221Kb / 16P
3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7945BRZ AD-AD7945BRZ Datasheet
221Kb / 16P
3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7945BRZ AD-AD7945BRZ Datasheet
333Kb / 16P
3.3 V/5 V Multiplying 12-Bit DACs
REV. B
logo
List of Unclassifed Man...
STEF4SPUR ETC2-STEF4SPUR Datasheet
2Mb / 21P
Electronic fuse for 3.3 V and 5 V lines
logo
Analog Devices
AD7948 AD-AD7948_15 Datasheet
333Kb / 16P
3.3 V/5 V Multiplying 12-Bit DACs
REV. B
logo
STMicroelectronics
STEF4S STMICROELECTRONICS-STEF4S Datasheet
641Kb / 22P
Electronic fuse for 3.3 V and 5 V lines
02-Dec-2014
STEF512GR STMICROELECTRONICS-STEF512GR Datasheet
1Mb / 22P
Dual electronic fuse for 5 V and 12 V rails
Rev 2 - March 2020
STEF512PUR STMICROELECTRONICS-STEF512PUR Datasheet
1Mb / 21P
Dual electronic fuse (eFuse) for 5 V and 12 V rails
21-Sep-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com