Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEL12H24 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STEL12H24
Description  Electronic switch for 12 V, 5 V and 3.3 V buses
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEL12H24 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STEL12H24 Datasheet HTML 12Page - STMicroelectronics STEL12H24 Datasheet HTML 13Page - STMicroelectronics STEL12H24 Datasheet HTML 14Page - STMicroelectronics STEL12H24 Datasheet HTML 15Page - STMicroelectronics STEL12H24 Datasheet HTML 16Page - STMicroelectronics STEL12H24 Datasheet HTML 17Page - STMicroelectronics STEL12H24 Datasheet HTML 18Page - STMicroelectronics STEL12H24 Datasheet HTML 19Page - STMicroelectronics STEL12H24 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Figure 29. Mosfet leakage current vs. temperature
0
50
100
150
200
250
300
350
400
450
500
-55
-30
-5
20
45
70
95
120
145
170
Temperature (°C)
VCC = 3 V, VIN = 0.5 V
VCC = VIN = 3 V
VCC = 3.3 V, VIN = 13.5 V
VCC = 5.5 V, VIN = 18.5 V
Figure 30. TPG-ON vs. VIN
0
0.5
1
1.5
2
2.5
3
3.5
0
3
6
9
12
15
18
VIN Operating Input Voltage [V]
VCC = 3 V
VCC = 5 V
VCC = 12 V
Figure 31. PG leakage current vs. VCC
0
1
2
3
4
5
6
0
2
4
6
8
10
12
14
16
18
20
VCC Operating supply voltage (V)
VTERM = 3.3 V
VTERM = 5 V
VTERM = 12 V
VTERM = 18 V
Figure 32. EN pulldown resistance vs. EN voltage
100
105
110
115
120
125
130
135
140
0
1
2
3
4
5
6
7
8
9
10
11
12
13
EN Voltage [V]
RPD
STEL12H24
Typical characteristics
DS13821 - Rev 1
page 16/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com