Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32W108HB Datasheet(PDF) 113 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 113 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 109Page - STMicroelectronics STM32W108HB Datasheet HTML 110Page - STMicroelectronics STM32W108HB Datasheet HTML 111Page - STMicroelectronics STM32W108HB Datasheet HTML 112Page - STMicroelectronics STM32W108HB Datasheet HTML 113Page - STMicroelectronics STM32W108HB Datasheet HTML 114Page - STMicroelectronics STM32W108HB Datasheet HTML 115Page - STMicroelectronics STM32W108HB Datasheet HTML 116Page - STMicroelectronics STM32W108HB Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 278 page
background image
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
Serial interfaces
Doc ID 16252 Rev 14
113/278
Characters received are stored in the receive FIFO. Receiving characters sets the RXNE bit
in the SCx_SPISR register, to indicate that characters can be read from the receive FIFO.
Characters received while the receive FIFO is full are dropped, and the OVF bit in the
SCx_SPISR register is set. The receive FIFO hardware generates the OVR interrupt, but the
DMA register will not indicate the error condition until the receive FIFO is drained. Once the
DMA marks a receive error, two conditions will clear the error indication: setting the
appropriate TXRST/RXRST bit in the SCx_DMACR register, or loading the appropriate
DMA buffer after it has unloaded.
Receiving a character causes the serial transmission of a character pulled from the transmit
FIFO. When the transmit FIFO is empty, a transmit underrun is detected (no data in transmit
FIFO) and the UDR bit in the SCx_ISR register is set. Because no character is available for
serialization, the SPI serializer retransmits the last transmitted character or a busy token
(0xFF), determined by the RPTEN bit in the SCx_SPICR register.
When the transmit FIFO and the serializer are both empty, writing a character to the transmit
FIFO clears the IDLE bit in the SCx_SPISR register. This indicates that not all characters
have been transmitted. If characters are written to the transmit FIFO until it is full, the TXE
bit in the SCx_SPISR register is cleared. Shifting out a transmit character to the MISO pin
causes the TXE bit in the SCx_SPISR register to get set. When the transmit FIFO empties
and the last character has been shifted out, the IDLE bit in the SCx_SPISR register is set.
The SPI slave controller must guarantee that there is time to move new transmit data from
the transmit FIFO into the hardware serializer. To provide sufficient time, the SPI slave
controller inserts a byte of padding at the start of every new string of transmit data. After
slave select asserts and the RXNE bit in the SCx_SPISR register gets set at least once, the
following operation holds true until slave select deasserts. Whenever the transmit FIFO is
empty and data is placed into the transmit FIFO, either manually or through DMA, the SPI
hardware inserts a byte of padding onto the front of the transmission as if this byte was
placed there by software. The value of the byte of padding that is inserted is selected by the
RPTEN bit in the SCx_SPICR register.
9.4.3
DMA
The DMA Channels section describes how to configure and use the serial receive and
transmit DMA channels.
When using the receive DMA channel and nSSEL transitions to the high (deasserted) state,
the active buffer's receive DMA count register (SCx_DMARXCNTAR/SCx_DMARXCNTBR)
is saved in the SCx_DMARXCNTSAVEDR register. SCx_DMARXCNTSAVEDR is only
written the first time nSSEL goes high after a buffer has been loaded. Subsequent rising
edges set a status bit but are otherwise ignored. The 3-bit field NSSS in the SCx_DMASR
register records what, if anything, was saved to the SCx_DMARXCNTSAVEDR register, and
whether or not another rising edge occurred on nSSEL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com