Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32W108HB Datasheet(PDF) 114 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 114 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 110Page - STMicroelectronics STM32W108HB Datasheet HTML 111Page - STMicroelectronics STM32W108HB Datasheet HTML 112Page - STMicroelectronics STM32W108HB Datasheet HTML 113Page - STMicroelectronics STM32W108HB Datasheet HTML 114Page - STMicroelectronics STM32W108HB Datasheet HTML 115Page - STMicroelectronics STM32W108HB Datasheet HTML 116Page - STMicroelectronics STM32W108HB Datasheet HTML 117Page - STMicroelectronics STM32W108HB Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 278 page
background image
Serial interfaces
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
114/278
Doc ID 16252 Rev 14
9.4.4
Interrupts
SPI slave controller second level interrupts are generated on the following events:
●
Transmit FIFO empty and last character shifted out (depending on SCx_ICR, either the
0 to 1 transition or the high level of IDLE)
●
Transmit FIFO changed from full to not full (depending on SCx_ICR, either the 0 to 1
transition or the high level of TXE)
●
Receive FIFO changed from empty to not empty (depending on SCx_ICR, either the 0
to 1 transition or the high level of RXNE)
●
Transmit DMA buffer A/B complete (1 to 0 transition of TXAACK/TXBACK)
●
Receive DMA buffer A/B complete (1 to 0 transition of RXAACK/RXBACK)
●
Received and lost character while receive FIFO was full (receive overrun error)
●
Transmitted character while transmit FIFO was empty (transmit underrun error)
To enable CPU interrupts, set desired interrupt bits in the second level SCx_IER register.
9.5
Inter-integrated circuit interfaces (I2C)
Both STM32W108 serial controllers SC1 and SC2 include an Inter-integrated circuit
interface (I2C) master controller with the following features:
●
Uses only two bidirectional GPIO pins
●
Programmable clock frequency (up to 400 kHz)
●
Supports both 7-bit and 10-bit addressing
●
Compatible with Philips' I2C-bus slave devices
The I2C master controller uses just two signals:
●
SDA (Serial Data) - bidirectional serial data
●
SCL (Serial Clock) - bidirectional serial clock
Table 25 lists the GPIO pins used by the SC1 and SC2 I2C master controllers. Because the
pins are configured as open-drain outputs, they require external pull-up resistors.
Direction
GPIO configuration
SC1 pin
SC2 pin
Table 25.
I2C Master GPIO Usage
Parameter
SDA
SCL
Input / Output
Input / Output
Alternate Output
(open drain)
Alternate Output
(open drain)
PB1
PB2
PA1
PA2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com