Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32W108HB Datasheet(PDF) 115 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 115 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 111Page - STMicroelectronics STM32W108HB Datasheet HTML 112Page - STMicroelectronics STM32W108HB Datasheet HTML 113Page - STMicroelectronics STM32W108HB Datasheet HTML 114Page - STMicroelectronics STM32W108HB Datasheet HTML 115Page - STMicroelectronics STM32W108HB Datasheet HTML 116Page - STMicroelectronics STM32W108HB Datasheet HTML 117Page - STMicroelectronics STM32W108HB Datasheet HTML 118Page - STMicroelectronics STM32W108HB Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 278 page
background image
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
Serial interfaces
Doc ID 16252 Rev 14
115/278
9.5.1
Setup and configuration
The I2C controller is enabled by writing 3 to the SCx_CR register. The I2C controller
operates only in master mode and supports both Standard (100 kbps) and Fast (400 kbps)
I2C modes. Address arbitration is not implemented, so multiple master applications are not
supported.
The I2C master controller's serial clock (SCL) is produced by a programmable clock
generator. SCL is produced by dividing down 12 MHz according to this equation:
Rate
12MHz
LIN
1
+
()x2EXP
-----------------------------------------
=
EXP is the value written to the SCx_CRR2 register and LIN is the value written to the
SCx_CRR1 register. I2C clock rate programming on page 115 shows the rate settings for
Standard-Mode I2C (100 kbps) and Fast-Mode I2C (400 kbps) operation.
Note:
At 400 kbps, the Philips I2C Bus specification requires the minimum low period of SCL to be
1.3 µs, but on the STM32W108 it is 1.25 µs. If a slave device requires strict compliance with
SCL timing, the clock rate must be lowered to 375 kbps.
9.5.2
Constructing frames
The I2C master controller supports generating various frame segments by means of the
START, STOP, BTE, and BRE bits in the SCx_I2CCR1 registers. Figure 27 summarizes
these frames.
Table 26.
I2C clock rate programming
Clock rate
SCx_CRR1
SCx_CRR2
100 kbps
14
3
375 kbps
15
1
400 kbps
14
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com