Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32W108HB Datasheet(PDF) 218 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 218 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 214Page - STMicroelectronics STM32W108HB Datasheet HTML 215Page - STMicroelectronics STM32W108HB Datasheet HTML 216Page - STMicroelectronics STM32W108HB Datasheet HTML 217Page - STMicroelectronics STM32W108HB Datasheet HTML 218Page - STMicroelectronics STM32W108HB Datasheet HTML 219Page - STMicroelectronics STM32W108HB Datasheet HTML 220Page - STMicroelectronics STM32W108HB Datasheet HTML 221Page - STMicroelectronics STM32W108HB Datasheet HTML 222Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 278 page
background image
Analog-to-digital converter
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
218/278
Doc ID 16252 Rev 14
11
Analog-to-digital converter
The STM32W108 analog-to-digital converter (ADC) is a first-order sigma-delta converter
with the following features:
●
Resolution of up to 12 bits
●
Sample times as fast as 5.33 µs (188 kHz)
●
Differential and single-ended conversions from six external and four internal sources
●
Two voltage ranges (differential): -VREF to +VREF, and –VDD_PADS to +VDD_PADS
●
Choice of internal or external VREF: internal VREF may be output
●
Digital offset and gain correction
●
Dedicated DMA channel with one-shot and continuous operating modes
Figure 51 shows the basic ADC structure.
Figure 51.
ADC block diagram
1.
For the STM32W108CC and STM32108CZ devices, the input range selection block is not present on the N Input.
While the ADC Module supports both single-ended and differential inputs, the ADC input
stage always operates in differential mode. Single-ended conversions are performed by
connecting one of the differential inputs to VREF/2 while fully differential operation uses two
external inputs.
Note:
This note only applies to STM32W108xB. In high voltage mode, input buffers (with 0.25 gain
only) may experience long term drift of its input offset voltage that affects ADC accuracy. In
these cases, only the 1.2V input range mode of the ADC should be used. If measurement of
signals >1.2V is required, then external attenuation should be added.
Note:
For STM32W108CC and STM32108CZ, high voltage mode is supported only in single
mode. It is also required by the software to periodically set to 1 bit HVSELN in the register
ADC_CR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com