Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1792 Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP1792
Description  100 mA High-Voltage Automotive LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1792 Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP1792 Datasheet HTML 24Page - Microchip Technology MCP1792 Datasheet HTML 25Page - Microchip Technology MCP1792 Datasheet HTML 26Page - Microchip Technology MCP1792 Datasheet HTML 27Page - Microchip Technology MCP1792 Datasheet HTML 28Page - Microchip Technology MCP1792 Datasheet HTML 29Page - Microchip Technology MCP1792 Datasheet HTML 30Page - Microchip Technology MCP1792 Datasheet HTML 31Page - Microchip Technology MCP1792 Datasheet HTML 32Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
 2019-2020 Microchip Technology Inc.
DS20006229C-page 29
MCP1792/3
APPENDIX A: REVISION HISTORY
Revision A (July 2019)
• Initial release of this document.
Revision B (October 2019)
The following is the list of modifications:
1.
Updated device Features.
2.
Updated Package Types.
3.
Updated the AC/DC Characteristics table.
4.
Changed symbols in Figure 4-1.
5.
Added clarifying information in Section 4.4,
"Circuit Protection" by specifying the type of
diode necessary to prevent output voltage drop.
6.
Updated text in Section 4.2, "Output Capaci-
tance Requirements".
7.
Added extra paragraph in Section 4.6, "Shut-
down Input (SHDN) and Input UVLO".
8.
Changed power dissipation value when operat-
ing at a maximum VIN in Section 5.2, "Power
Calculations".
9.
Corrected device description in Product
Identification System.
10. Minor typographical changes throughout.
Revision C (April 2020)
The following is the list of modifications:
• Updated device Features.
• Updated Product Identification System.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com