Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1792 Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP1792
Description  100 mA High-Voltage Automotive LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1792 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP1792 Datasheet HTML 12Page - Microchip Technology MCP1792 Datasheet HTML 13Page - Microchip Technology MCP1792 Datasheet HTML 14Page - Microchip Technology MCP1792 Datasheet HTML 15Page - Microchip Technology MCP1792 Datasheet HTML 16Page - Microchip Technology MCP1792 Datasheet HTML 17Page - Microchip Technology MCP1792 Datasheet HTML 18Page - Microchip Technology MCP1792 Datasheet HTML 19Page - Microchip Technology MCP1792 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
 2019-2020 Microchip Technology Inc.
DS20006229C-page 16
MCP1792/3
5.0
APPLICATION INFORMATION
5.1
Typical Application
The MCP1792/3 is used for applications that require
high input voltage and are prone to high transient volt-
ages on the input.
FIGURE 5-1:
Typical Application Circuit using a High-Voltage Battery Pack.
5.2
Power Calculations
5.2.1
POWER DISSIPATION
The internal power dissipation within the MCP1792/3 is
a function of input voltage, output voltage, output
current and quiescent current. Equation 5-1 can be
used to calculate the internal power dissipation for the
LDO.
EQUATION 5-1:
In addition to the LDO pass element power dissipation,
there is power dissipation within the MCP1792/3 as a
result of quiescent or ground current. The power
dissipation as a result of ground current can be
calculated by applying Equation 5-2:
EQUATION 5-2:
The total power dissipated within the MCP1792/3 is the
sum of the power dissipated in the LDO pass device
and the PI(GND) term. Because of the CMOS
construction, the typical IGND for the MCP1792/3 is
typical 100 µA at full load. Operating at a maximum VIN
of 55V results in a power dissipation of 5.5 mW. For
most applications, this is small compared to the LDO
pass device power dissipation and can be neglected.
The
maximum
continuous
operating
junction
temperature specified for the MCP1792/3 is +150°C. To
estimate the internal junction temperature of the
MCP1792/3, the total internal power dissipation is
multiplied
by
the
thermal
resistance
from
junction-to-ambient (
JA) of the device. For example,
the thermal resistance from junction-to-ambient for the
5-Lead SOT223 package is estimated at 75°C/W.
EQUATION 5-3:
The maximum power dissipation capability for a pack-
age can be calculated given the junction-to-ambient
thermal resistance and the maximum ambient tem-
perature for the application. Equation 5-4 can be used
to determine the package maximum internal power
dissipation.
PLDO
VIN MAX

VOUT MIN

–
 I
OUT MAX

=
Where:
PLDO = Internal power dissipation of the
LDO pass device
VIN(MAX) = Maximum input voltage
VOUT(MIN) = LDO minimum output voltage
IOUT(MAX) = Maximum output current
PIGND

VIN MAX

IGND
=
Where:
PI(GND) = Power dissipation due to the ground
current of the LDO
VIN(MAX) = Maximum input voltage
IGND = Current flowing into the GND pin
TJMAX

PLDO JA
TAMAX

+
=
Where:
TJ(MAX) = Maximum continuous junction
temperature
PLDO = Total power dissipation of the device
JA = Thermal resistance from 
junction-to-ambient
TA(MAX) = Maximum ambient temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com