Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1792 Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP1792
Description  100 mA High-Voltage Automotive LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1792 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP1792 Datasheet HTML 8Page - Microchip Technology MCP1792 Datasheet HTML 9Page - Microchip Technology MCP1792 Datasheet HTML 10Page - Microchip Technology MCP1792 Datasheet HTML 11Page - Microchip Technology MCP1792 Datasheet HTML 12Page - Microchip Technology MCP1792 Datasheet HTML 13Page - Microchip Technology MCP1792 Datasheet HTML 14Page - Microchip Technology MCP1792 Datasheet HTML 15Page - Microchip Technology MCP1792 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
 2019-2020 Microchip Technology Inc.
DS20006229C-page 12
MCP1792/3
3.0
PIN DESCRIPTION
The descriptions of the pins are listed in Table 3-1.
3.1
Ground Pin (GND)
For optimal noise and Power Supply Rejection Ratio
(PSRR) performance, the GND pin of the LDO should
be tied to an electrically “quiet” circuit ground. This will
ensure the LDO power supply rejection ratio and noise
device performance. The GND pin of the LDO conducts
only ground current and that is why a wide trace is not
required. For applications that have switching or noisy
inputs, tie the GND pin to the return of the output
capacitor. Ground planes help lower the inductance
and, as a result, reduce the effect of fast current tran-
sients.
3.2
Regulated Output Voltage Pin
(VOUT)
The VOUT pin is the regulated output voltage VR of the
LDO. A minimum output capacitance of 2.2 µF is
required for the LDO to ensure the stability in all the typ-
ical applications. The MCP1792/3 is stable with
ceramic capacitors. See Section 4.2 “Output Capaci-
tance Requirements” for output capacitor selection
guidance.
3.3
Input Voltage Supply Pin (VIN)
Connect the input voltage source to VIN. If the input
voltage source is located several inches away from the
LDO, or the input source is a battery, it is recommended
that an input capacitor be used. A typical input
capacitance value of 2.2 µF to 10 µF should be
sufficient for most applications. The type of capacitor
used is ceramic. However, the low ESR characteristics
of the ceramic capacitor will yield better noise and
PSRR performance at high frequency.
3.4
Shutdown Control Input (SHDN)
The SHDN input is used to turn the LDO output voltage
off. When the SHDN input is at a logic high level, the
LDO output voltage is enabled. When the SHDN input
is pulled to a logic low level, the LDO output voltage is
disabled. When the SHDN input is pulled low, the LDO
enters a low-quiescent current shutdown state, where
the typical quiescent current is 2 µA.
TABLE 3-1:
PIN FUNCTION TABLE
SOT 23A-3 SOT 23-5 SOT 223-3
SOT 223-5
Symbol
Description
1
2
2
3
GND
Ground
25
3
4
VOUT
Regulated Output Voltage VR
31
1
2
VIN
Input Voltage Supply
—
4
—
5
NC
Not connected pins (should either be left floating
or connected to ground)
—3
—
1
SHDN
Shutdown Control Input. Connect to GND to turn
off the output. Do not leave this pin floating.
——
4
6
Tab
Exposed Thermal Pad, connected to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com