Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1792 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP1792
Description  100 mA High-Voltage Automotive LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1792 Datasheet(HTML) 1 Page - Microchip Technology

  MCP1792 Datasheet HTML 1Page - Microchip Technology MCP1792 Datasheet HTML 2Page - Microchip Technology MCP1792 Datasheet HTML 3Page - Microchip Technology MCP1792 Datasheet HTML 4Page - Microchip Technology MCP1792 Datasheet HTML 5Page - Microchip Technology MCP1792 Datasheet HTML 6Page - Microchip Technology MCP1792 Datasheet HTML 7Page - Microchip Technology MCP1792 Datasheet HTML 8Page - Microchip Technology MCP1792 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
MCP1792/3
 2019-2020 Microchip Technology Inc.
DS20006229C-page 1
Features
• AEC-Q100 with Grade 0 and PPAP Capable
• Wide Input Voltage Range: 4.5V to 55V
- Up to 70V transient
- Under Voltage Lock Out (UVLO): 2.7V typical
• Extended Operating Temperature Range: -40°C
to +150°C
• Standard Output Regulated Voltages (VR): 3.3V
and 5.0V (Note 1)
- Tolerance
 2.0% typical
• Low Quiescent Supply Current: 25 µA typical
• Low Shutdown Quiescent Supply Current:
2 µA typical
• Output Current Capability: 100 mA typical
- Short Circuit Current Foldback Protection
- Thermal Shutdown Protection: 175°C
• Stable with Ceramic Output Capacitor: 2.2 µF
• High PSRR:
- 80 dB @ 100 Hz typical
- 55 dB @ 100 kHz typical
• Available in the following packages:
- 3-Lead SOT-223 (MCP1792)
- 3-Lead SOT-23A (MCP1792)
- 5-Lead SOT-223 (MCP1793)
- 5-Lead SOT-23 (MCP1793)
Applications
• Automotive Electronics
• Microcontroller Biasing
• High-Voltage Battery Packs for Power Tools,
ebikes, etc
• Smoke Detectors and other Alarm Sensors
Description
The MCP1792/3 family devices are high-voltage, low
dropout (LDO) regulators, capable of generating
100 mA output current. The input voltage range of 4.5V
to 55V makes it suitable in 12V to 48V power rails and
in high-voltage battery packs.
A low UVLO at shutdown of 2.4V makes it adequate for
cold cranking conditions in automotive applications.
The MCP1792/3 comes in two standard fixed output
voltage versions: 3.3V and 5.0V. The regulator output
is stable with 2.2 µF ceramic capacitors. The device is
protected from short-circuit events by the current
foldback function and from overheating by means of
thermal shutdown protection.
The MCP1792 is the 3-lead version of the MCP1792/3
device family and the MCP1793 is the 5-lead version,
which offers shutdown functionality (SHDN pin). While
in shutdown, the quiescent current drops to 2 µA,
allowing for lower, overall power consumption. The
device itself has a ground current of 100 µA typical,
while delivering maximum output current of 100 mA.
Note 1: For other voltage options, please contact
your local sales office.
Typical Application
Overvoltage Line Transient
100 mA High-Voltage Automotive LDO


Similar Part No. - MCP1792

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1790 MICROCHIP-MCP1790 Datasheet
1,012Kb / 34P
70 mA, High Voltage Regulator
2008
MCP1790-3002E/DB MICROCHIP-MCP1790-3002E/DB Datasheet
1,012Kb / 34P
70 mA, High Voltage Regulator
2008
MCP1790-3002E/DC MICROCHIP-MCP1790-3002E/DC Datasheet
1,012Kb / 34P
70 mA, High Voltage Regulator
2008
MCP1790-3002E/EB MICROCHIP-MCP1790-3002E/EB Datasheet
1,012Kb / 34P
70 mA, High Voltage Regulator
2008
MCP1790-3002E/ET MICROCHIP-MCP1790-3002E/ET Datasheet
1,012Kb / 34P
70 mA, High Voltage Regulator
2008
More results

Similar Description - MCP1792

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2500 FAIRCHILD-FAN2500 Datasheet
251Kb / 10P
100 mA CMOS LDO Regulators
FAN2500 FAIRCHILD-FAN2500_10 Datasheet
499Kb / 10P
100 mA CMOS LDO Regulators
FAN2510 FAIRCHILD-FAN2510_10 Datasheet
259Kb / 10P
100 mA CMOS LDO Regulators
logo
ON Semiconductor
NCP5501DT33RKG ONSEMI-NCP5501DT33RKG Datasheet
213Kb / 13P
500 mA LDO Voltage Regulator
April, 2013 ??Rev. 12
FAN2500 ONSEMI-FAN2500 Datasheet
890Kb / 14P
100 mA CMOS LDO Regulator
May 2013 Rev. 1.1.0
logo
Microchip Technology
MCP1799 MICROCHIP-MCP1799 Datasheet
1Mb / 25P
80 mA High-Voltage Automotive LDO
05/14/19
logo
New Japan Radio
NJW4105 NJRC-NJW4105 Datasheet
462Kb / 23P
HIGH VOLTAGE IO = 500 mA LDO REGULATOR
Ver.1.1
NJW4105T1 NJRC-NJW4105T1 Datasheet
664Kb / 23P
HIGH VOLTAGE IO = 500 mA LDO REGULATOR
Ver.1.0
NJW4106 NJRC-NJW4106 Datasheet
715Kb / 15P
HIGH VOLTAGE IO = 500 mA ADJUSTABLE LDO REGULATOR
Ver.1.0
NJW4106T1 NJRC-NJW4106T1 Datasheet
744Kb / 15P
HIGH VOLTAGE IO = 500 mA ADJUSTABLE LDO REGULATOR
Ver.1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com