Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1792 Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP1792
Description  100 mA High-Voltage Automotive LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1792 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP1792 Datasheet HTML 10Page - Microchip Technology MCP1792 Datasheet HTML 11Page - Microchip Technology MCP1792 Datasheet HTML 12Page - Microchip Technology MCP1792 Datasheet HTML 13Page - Microchip Technology MCP1792 Datasheet HTML 14Page - Microchip Technology MCP1792 Datasheet HTML 15Page - Microchip Technology MCP1792 Datasheet HTML 16Page - Microchip Technology MCP1792 Datasheet HTML 17Page - Microchip Technology MCP1792 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
 2019-2020 Microchip Technology Inc.
DS20006229C-page 14
MCP1792/3
4.4
Circuit Protection
The MCP1792/3 features current foldback protection
during an output short-circuit event that occurs in nor-
mal operation. When the current foldback block detects
an increase in load current, over the typical value of
230 mA, the output current and output voltage will start
to decrease until the output current reaches a value of
typically 10 mA (see Figure 2-16 and Figure 2-17).
If a short circuit is present during power-up, the part will
enter current limit protection.
The MCP1792/3 was tested using the AEC-Q100 test
set-up in Figure 4-2. The testing conditions require the
use of very high parasitic inductances on the input and
output. For cases like this, it is required to prevent the
output voltage going below ground with more than 1V.
Note that the VOUT pin can withstand a maximum of
-0.3 VDC (see Absolute Maximum Ratings †). This can
be achieved by placing a Schottky diode with the cath-
ode to VOUT and the anode to ground.
Thermal shutdown functionality is present on the
device and adds to the protection features of the part.
Thermal shutdown is triggered at a typical value of
175°C and has a typical hysteresis of 15°C.
FIGURE 4-2:
Short Circuit Test Set-Up.
4.5
Dropout Operation
For VR = 5V, MCP1792/3 can be found operating in a
dropout condition (the minimum input voltage is 4.5V),
which can happen during cold crank event, when the
supply voltage can drop down to 3V. It is preferred to
ensure that the part does not operate in dropout during
DC operation so that the AC performance is main-
tained.
The device has a dropout voltage of approximately
250 mV at full load and room temperature, but because
of the extended temperature range at 150°C, due to
increased leakage at hot, it reaches up to 1200 mV. For
a 5V output, the minimum supply voltage required in
order to have a regulated output, within specification, is
6.2V.
FIGURE 4-3:
Line Step from Dropout.
4.6
Shutdown Input (SHDN) and Input
UVLO
The SHDN input is an active-low input signal that turns
the LDO on and off. The SHDN threshold has a
logic HIGH level of minimum 2.4V and a logic LOW
level of maximum 0.8V.
The SHDN pin ignores low-going pulses that are up to
30 µs. This blanking window helps to reject any system
noise spikes on the SHDN input signal. Then, on the
rising edge of the SHDN input, the shutdown circuitry
adds 770 µs delay before allowing the regulator output
to turn on. This delay helps to reject any false turn-on
signals or noise on the SHDN input signal. After the
(30 + 770) µs delay, the regulator starts charging the
load capacitor as the output rises from 0V to its
regulated value. The charging current amplitude will be
limited by the short circuit current value of the device. If
the SHDN input signal is pulled low during the 800 µs
delay period, the timer will be reset and the delay time
will start over again on the next rising edge of the
SHDN input. Figure 4-4 shows a timing diagram of the
SHDN input.
The MCP1792/3 has an internal discharge transistor
connected to the VOUT PIN that is enabled when the
SHDN pin goes low. The discharge occurs through a
typical resistance of 80
.
VIN
200 ms/div
2V/div
VOUT
2V/div
IOUT = 10 mA
11V
VR = 5V
3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com