Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1792 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP1792
Description  100 mA High-Voltage Automotive LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1792 Datasheet(HTML) 3 Page - Microchip Technology

  MCP1792 Datasheet HTML 1Page - Microchip Technology MCP1792 Datasheet HTML 2Page - Microchip Technology MCP1792 Datasheet HTML 3Page - Microchip Technology MCP1792 Datasheet HTML 4Page - Microchip Technology MCP1792 Datasheet HTML 5Page - Microchip Technology MCP1792 Datasheet HTML 6Page - Microchip Technology MCP1792 Datasheet HTML 7Page - Microchip Technology MCP1792 Datasheet HTML 8Page - Microchip Technology MCP1792 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
 2019-2020 Microchip Technology Inc.
DS20006229C-page 3
MCP1792/3
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Input Voltage ..........................................................................................................................................................+70.0V
Maximum Voltage on VIN, SHDN........................................................................................... (GND - 0.3V) to (VIN+0.3V)
Maximum Voltage on VOUT- ............................................................................................................(GND - 0.3V) to 5.5V
Output Short-Circuit Duration...............................................................................................................Unlimited (Note 2)
Storage Temperature ............................................................................................................................ –55°C to +175°C
Maximum Junction Temperature, TJ ..................................................................................................................... +175°C
Operating Junction Temperature, TJ ...................................................................................................... –40°C to +150°C
ESD protection on all pins:
HBM ....................................................................................................................................................................... ≥ 2 kV
CDM ...................................................................................................................................................................... ≥ 750V
MM .........................................................................................................................................................................≥ 200V
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operational listings of this specification is not intended. Exposure to maximum rating conditions for
extended periods may affect device reliability.
AC/DC CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, VIN = VR + 1.2V (Note 1), IOUT = 1 mA, CIN = COUT = 2.2 µF
ceramic (X7R), TA = +25°C, SHDN > 2.4V. Boldface type applies for ambient temperatures TA of –40°C to +150°C
(Note 2).
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Input Operating Voltage
VIN
4.5
—
55
V
Output Voltage Range
VOUT
VR-2%
VR
VR+2%
TA of -40°C to +85°C
VR-3%
VR
VR+3%
TA of -40°C to +150°C
Input Quiescent Current
IQ
—25
45
µA
IOUT = 0A
Input Quiescent Current
for SHDN Mode
ISHDN
—2
12
µA
SHDN = GND, VIN = 55V
Ground Current
IGND
—100
150
µA
IOUT = 100 mA
—25
—
IOUT = 1 mA
Maximum Continuous
Output Current
IOUT
100
——
mA
(Note 2)
Foldback Current Corner
IOUT_SC
—
230
370
mA
VIN ≤ 55V Note 5)
Foldback Current
IFOLDBACK
—10
—
mA
VOUT~0V, RLOAD ≥ 0.1
VIN ≤ 55V,Note 5)
Note 1:
VR is the nominal output voltage. The minimum input voltage is VIN = VR + 1.2V or VIN = VIN_MIN,
whichever is greater.
2:
The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable
junction temperature and the thermal resistance from junction to air (i.e., TA, TJ, JA). See the
Temperature Specifications table and Section 5.0 “Application Information”. Exceeding the maximum
allowable power dissipation will cause the device operating junction temperature to exceed the maximum
150°C rating. Sustained junction temperatures above 150°C can impact the device reliability.
3:
Dropout voltage is defined as the input to output voltage differential at which the output voltage drops 2%
below its nominal value that was measured with an input voltage of VIN = VR + 1.2V.
4:
PSRR measurement is carried out with CIN = 0 µF, VIN = 7V, IOUT = 10 mA, VINAC = 0.4 Vpkpk.
5:
Not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com