Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1792 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP1792
Description  100 mA High-Voltage Automotive LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1792 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP1792 Datasheet HTML 7Page - Microchip Technology MCP1792 Datasheet HTML 8Page - Microchip Technology MCP1792 Datasheet HTML 9Page - Microchip Technology MCP1792 Datasheet HTML 10Page - Microchip Technology MCP1792 Datasheet HTML 11Page - Microchip Technology MCP1792 Datasheet HTML 12Page - Microchip Technology MCP1792 Datasheet HTML 13Page - Microchip Technology MCP1792 Datasheet HTML 14Page - Microchip Technology MCP1792 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
 2019-2020 Microchip Technology Inc.
DS20006229C-page 11
MCP1792/3
Note: Unless otherwise indicated, CIN = COUT = 2.2 µF ceramic (X7R), IOUT = 1 mA, TA = +25°C, VIN = VR + 1.2V,
SHDN = 1 M
 pull-up to VIN.
FIGURE 2-30:
Start-up From VIN 
(0V to 48V, VR = 3.3V).
FIGURE 2-31:
Start-up From VIN 
(0V to 48V, VR = 5V).
FIGURE 2-32:
Start-up From SHDN
(VR = 3.3V).
FIGURE 2-33:
Start-up From SHDN
(VR = 5.0V).
FIGURE 2-34:
Overvoltage Line Transient
Response (VR = 5V).
FIGURE 2-35:
Overvoltage Line Transient
Response (VR = 3.3V).
VIN
48V
200 µs/div
10V/div
VOUT
1V/div
Rise Slope = 1V/µs
IOUT = 10 mA
VIN
48V
200 µs/div
10V/div
VOUT
1V/div
Rise Slope = 1V/µs
IOUT = 10 mA
SHDN
5V
200 µs/div
1V/div
VOUT
1V/div
IOUT = 10 mA
SHDN
5V
200 µs/div
1V/div
VOUT
1V/div
IOUT = 10 mA
VIN
58V
48V
100 ms/div
20V/div
VOUT
100 mV/div, AC Coupled
IOUT = 10 mA
70V
48V
VIN
58V
48V
100 ms/div
20V/div
VOUT
100 mV/div
IOUT = 10 mA
70V
48V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com