Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7321 Datasheet(PDF) 35 Page - Analog Devices

Part # ADV7321
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7321 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADV7321 Datasheet HTML 31Page - Analog Devices ADV7321 Datasheet HTML 32Page - Analog Devices ADV7321 Datasheet HTML 33Page - Analog Devices ADV7321 Datasheet HTML 34Page - Analog Devices ADV7321 Datasheet HTML 35Page - Analog Devices ADV7321 Datasheet HTML 36Page - Analog Devices ADV7321 Datasheet HTML 37Page - Analog Devices ADV7321 Datasheet HTML 38Page - Analog Devices ADV7321 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 88 page
background image
ADV7320/ADV7321
Rev. 0 | Page 35 of 88
Table 18. Registers 0x59 to 0x64
SR7–
SR0
Register
Bit Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register Setting
Reset
Values
SD CGMS Data
19
18
17
16
CGMS Data Bits C19 to C16
0x00
0
Disabled
SD CGMS CRC
1
Enabled
0
Disabled
SD CGMS on Odd
Fields
1
Enabled
0
Disabled
SD CGMS on Even
Fields
1
Enabled
0
Disabled
0x59
SD CGMS/WSS 0
SD WSS
1
Enabled
13
12
11
10
9
8
CGMS Data Bits C13 to C8,
or WSS Data Bits C13 to C8
0x00
0x5A
SD CGMS/WSS 1
SD CGMS/WSS Data
15
14
CGMS Data Bits C15 to C14
0x00
0x5B
SD CGMS/WSS 2
SD CGMS/WSS Data
7
6
5
4
3
2
1
0
CGMS/WSS Data Bits C7 to
C0
0x00
SD LSB for Y Scale
Value
x
x
SD Y Scale Bits 1 to 0
SD LSB for Cb Scale
Value
x
x
SD Cb Scale Bits 1 to 0
SD LSB for Cr Scale
Value
x
x
SD Cr Scale Bits 1 to 0
0x5C
SD LSB Register
SD LSB for FSC Phase
x
x
Subcarrier Phase Bits 1 to 0
0x5D
SD Y Scale
Register
SD Y Scale Value
x
x
x
x
x
x
x
x
SD Y Scale Bits 7 to 2
0x00
0x5E
SD Cb Scale
Register
SD Cb Scale Value
x
x
x
x
x
x
x
x
SD Cb Scale Bits 7 to 2
0x00
0x5F
SD Cr Scale
Register
SD Cr Scale Value
x
x
x
x
x
x
x
x
SD Cr Scale Bits 7 to 2
0x00
0x60
SD Hue Register
SD Hue Adjust Value
x
x
x
x
x
x
x
x
SD Hue Adjust Bits 7 to 0
0x00
SD Brightness Value
x
x
x
x
x
x
x
SD Brightness Bits 6 to 0
0x00
0
Disabled
0x61
SD Brightness/
WSS
SD Blank WSS Data
1
Enabled
Line 23
0
0
0
0
0
0
0
0
−4 dB
0
0
0
0
0
1
1
0
0 dB
0x62
SD Luma SSAF
SD Luma SSAF
Gain/Attenuation
0
0
0
0
1
1
0
0
+4 dB
0x00
0
0
0
0
No gain
0x00
0
0
0
1
+1/16 [–1/8]
0
0
1
0
+2/16 [–2/8]
0
0
1
1
+3/16 [–3/8]
0
1
0
0
+4/16 [–4/8]
0
1
0
1
+5/16 [–5/8]
0
1
1
0
+6/16 [–6/8]
0
1
1
1
+7/16 [–7/8]
Coring Gain Border
1
0
0
0
+8/16 [–1]
In DNR
mode,
the
values in
brackets
apply.
0
0
0
0
No gain
0
0
0
1
+1/16 [–1/8]
0
0
1
0
+2/16 [–2/8]
0
0
1
1
+3/16 [–3/8]
0
1
0
0
+4/16 [–4/8]
0
1
0
1
+5/16 [–5/8]
0
1
1
0
+6/16 [–6/8]
0
1
1
1
+7/16 [–7/8]
0x63
SD DNR 0
Coring Gain Data
1
0
0
0
+8/16 [–1]
0
0
0
0
0
0
0
0
0
0
0
0
1
1
…
…
…
…
…
…
…
1
1
1
1
1
0
62
DNR Threshold
1
1
1
1
1
1
63
0x00
0
2 pixels
Border Area
1
4 pixels
0
8 pixels
0x64
SD DNR 1
Block Size Control
1
16 pixels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com