Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7321 Datasheet(PDF) 65 Page - Analog Devices

Part # ADV7321
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7321 Datasheet(HTML) 65 Page - Analog Devices

Back Button ADV7321 Datasheet HTML 61Page - Analog Devices ADV7321 Datasheet HTML 62Page - Analog Devices ADV7321 Datasheet HTML 63Page - Analog Devices ADV7321 Datasheet HTML 64Page - Analog Devices ADV7321 Datasheet HTML 65Page - Analog Devices ADV7321 Datasheet HTML 66Page - Analog Devices ADV7321 Datasheet HTML 67Page - Analog Devices ADV7321 Datasheet HTML 68Page - Analog Devices ADV7321 Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 88 page
background image
ADV7320/ADV7321
Rev. 0 | Page 65 of 88
APPENDIX 1—COPY GENERATION MANAGEMENT SYSTEM
PS CGMS
Data Registers 2 to 0
[Subaddresses 0x21, 0x22, 0x23]
525p
Using the vertical blanking interval 525p system, 525p CGMS
conforms to the CGMS-A EIA-J CPR1204-1 (March 1998)
transfer method of video identification information and to the
IEC61880 (1998) 525p/60 video system’s analog interface for the
video and accompanying data.
When PS CGMS is enabled [Subaddress 0x12, Bit 6 = 1], CGMS
data is inserted on Line 41. The 525p CGMS data registers are at
Addresses 0x21, 0x22, and 0x23.
625p
The 625p CGMS conforms to the IEC62375 (2004) 625p/50
video system’s analog interface for the video and accompanying
data using the vertical blanking interval.
When PS CGMS is enabled [Subaddress 0x12, Bit 6 = 1], CGMS
data is inserted on Line 43. The 625p CGMS data registers are at
Addresses 0x22, and 0x23.
HD CGMS
[Address 0x12, Bit 6]
The ADV7320/ADV7321 support copy generation management
system (CGMS) in HDTV mode (720p and 1080i) in
accordance with EIAJ CPR-1204-2.
The HD CGMS data registers are found at Addresses 0x021,
0x22, and 0x23.
SD CGMS
Data Registers 2 to 0
[Subaddresses 0x59, 0x5A, 0x5B]
The ADV7320/ADV7321 support copy generation management
system (CGMS), conforming to the EIAJ CPR-1204 and ARIB
TR-B15 standards. CGMS data is transmitted on Line 20 of the
odd fields and Line 283 of even fields. Bits C/W05 and C/W06
control whether CGMS data is output on odd and even fields.
CGMS data can be transmitted only when the
ADV7320/ADV7321 is configured in NTSC mode. The CGMS
data is 20 bits long. The CGMS data is preceded by a reference
pulse of the same amplitude and duration as a CGMS bit; see
Figure 94.
FUNCTION OF CGMS BITS
For Word 0 to 6 bits, Word 1 to 4 bits, and Word 2 to 6 bits CRC
6 bits,
1
6
+
+
=
x
x
Polynomial
CRC
where default is preset to 111111.
720p System
CGMS data is applied to Line 24 of the luminance vertical
blanking interval.
1080i System
CGMS data is applied to Line 19 and Line 582 of the luminance
vertical blanking interval.
CGMS FUNCTIONALITY
If SD CGMS CRC [Address 0x59, Bit 4] or PS/HD CGMS CRC
[Subaddress 0x12, Bit 7] is set to Logic 1, the last six bits, C19 to
C14, which comprise the 6-bit CRC check sequence, are
automatically calculated on the ADV7320/ADV7321. This
calculation is based on the lower 14 bits (C0 to C13) of the data
in the data registers and output with the remaining 14 bits to
form the complete 20 bits of the CGMS data. The calculation of
the CRC sequence is based on the polynomial ×6 + x + 1 with a
preset value of 111111. If SD CGMS CRC [Address 0x59, Bit 4]
and PS/HD CGMS CRC [Address 0x12, Bit 7] are set to Logic 0,
all 20 bits (C0 to C19) are output directly from the CGMS
registers (CRC must be calculated by the user manually).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com