Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7321 Datasheet(PDF) 11 Page - Analog Devices

Part # ADV7321
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7321 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADV7321 Datasheet HTML 7Page - Analog Devices ADV7321 Datasheet HTML 8Page - Analog Devices ADV7321 Datasheet HTML 9Page - Analog Devices ADV7321 Datasheet HTML 10Page - Analog Devices ADV7321 Datasheet HTML 11Page - Analog Devices ADV7321 Datasheet HTML 12Page - Analog Devices ADV7321 Datasheet HTML 13Page - Analog Devices ADV7321 Datasheet HTML 14Page - Analog Devices ADV7321 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 88 page
background image
ADV7320/ADV7321
Rev. 0 | Page 11 of 88
t9
t11
t10
t12
t11
t12
t13
t14
CLKIN_B*
*CLKIN_B USED IN THIS PS ONLY MODE.
Y9–Y0
t9 = CLOCK HIGH TIME
t10 = CLOCK LOW TIME
t11 = DATA SETUP TIME
t12 = DATA HOLD TIME
CONTROL
OUTPUTS
Y1
Cr0
Y0
Cb0
XY
00
00
3FF
Figure 8. PS Only 4:2:2 10-Bit Interleaved at 27 MHz EAV/SAV Input Mode (Input Mode 100)
t9
t11
t10
t12
t14
t13
CLKIN_A
Y9–Y0
t9 = CLOCK HIGH TIME
t10 = CLOCK LOW TIME
t11 = DATA SETUP TIME
t12 = DATA HOLD TIME
CONTROL
OUTPUTS
NOTE: Y0, Cb0 SEQUENCE AS PER SUBADDRESS 0x01 BIT-1
3FF
00
00
XY
Cb0
Y0
Cr0
Y1
Figure 9. PS Only 4:2:2 10-Bit Interleaved at 54 MHz EAV/SAV Input Mode (Input Mode 111)
t9
t11
t10
t12
Y0
Y1
Y2
Y3
Y4
Y5
t9
t10
t11
t12
HD INPUT
SD INPUT
S9–S0
CONTROL
INPUTS
CLKIN_A
CLKIN_B
Y9–Y0
CONTROL
INPUTS
C9–C0
P_HSYNC,
P_VSYNC,
P_BLANK
Y2
Cb1
Y1
Cr0
Y0
Cb0
S_HSYNC,
S_VSYNC,
S_BLANK
Cr4
Cb4
Cr2
Cb2
Cr0
Cb0
Figure 10. HD 4:2:2 and SD (10-Bit) Simultaneous Input Mode (Input Mode 101: SD Oversampled) (Input Mode 110: HD Oversampled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com