Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7321 Datasheet(PDF) 63 Page - Analog Devices

Part # ADV7321
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7321 Datasheet(HTML) 63 Page - Analog Devices

Back Button ADV7321 Datasheet HTML 59Page - Analog Devices ADV7321 Datasheet HTML 60Page - Analog Devices ADV7321 Datasheet HTML 61Page - Analog Devices ADV7321 Datasheet HTML 62Page - Analog Devices ADV7321 Datasheet HTML 63Page - Analog Devices ADV7321 Datasheet HTML 64Page - Analog Devices ADV7321 Datasheet HTML 65Page - Analog Devices ADV7321 Datasheet HTML 66Page - Analog Devices ADV7321 Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 88 page
background image
ADV7320/ADV7321
Rev. 0 | Page 63 of 88
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
1M
10M
100M
1G
FREQUENCY (Hz)
CIRCUIT FREQUENCY RESPONSE
MAGNITUDE (dB)
GROUP DELAY (Seconds)
PHASE
(Degrees)
320
240
160
80
0
–80
–160
–240
480
400
14n
12n
10n
8n
6n
4n
2n
0
18n
16n
Figure 89. Filter Plot for Output Filter for PS, 8× Oversampling
0
–10
–20
–30
–40
–50
–60
480
360
240
120
0
–120
–240
18n
15n
12n
9n
6n
3n
0
1M
10M
100M
1G
FREQUENCY (Hz)
CIRCUIT FREQUENCY RESPONSE
GROUP DELAY (Seconds)
PHASE (Degrees)
MAGNITUDE (dB)
Figure 90. Filter Plot for Output Filter for HDTV, 2× Oversampling
PCB BOARD LAYOUT
The ADV7320/ADV7321 are optimally designed for lowest
noise performance of both radiated and conducted noise. To
complement the excellent noise performance of the ADV7320/
ADV7321, it is imperative that great care be given to the PC
board layout.
The layout should be optimized for lowest noise on the
ADV7320/ ADV7321 power and ground lines. This can be
achieved by shielding the digital inputs and providing good
decoupling. The lead length between groups of VAA and AGND,
VDD and DGND, and VDD_IO and GND_IO pins should be kept
as short as possible to minimized inductive ringing.
It is recommended that a 4-layer printed circuit board is used,
with power and ground planes separating the layer of the signal
carrying traces of the components and solder side layer. Com-
ponent placement should be carefully considered in order to
separate noisy circuits, such as crystal clocks, high speed logic
circuitry, and analog circuitry.
There should be a separate analog ground plane and a separate
digital ground plane.
Power planes should encompass a digital power plane and an
analog power plane. The analog power plane should contain the
DACs and all associated circuitry, VREF circuitry. The digital
power plane should contain all logic circuitry.
The analog and digital power planes should be individually
connected to the common power plane at a single point
through a suitable filtering device, such as a ferrite bead.
DAC output traces on a PCB should be treated as transmission
lines. It is recommended that the DACs be placed as close as
possible to the output connector, with the analog output traces
being as short as possible (less than 3 inches). The DAC termi-
nation resistors should be placed as close as possible to the DAC
outputs and should overlay the PCB’s ground plane. As well as
minimizing reflections, short analog output traces will reduce
noise pickup due to neighboring digital circuitry.
To avoid crosstalk between the DAC outputs, it is recom-
mended that as much space as possible be left between the
tracks of the individual DAC output pins. The addition of
ground tracks between outputs is also recommended.
Supply Decoupling
Noise on the analog power plane can be further reduced by the
use of decoupling capacitors.
Optimum performance is achieved by the use of 10 nF and
0.1 µF ceramic capacitors. Each group of VAA, VDD, or VDD_IO
pins should be individually decoupled to ground. This should
be done by placing the capacitors as close as possible to the
device with the capacitor leads as short as possible, thus
minimizing lead inductance.
A 1 µF tantalum capacitor is recommended across the VAA
supply in addition to 10 nF ceramic. See the circuit layout in
Figure 91.
Digital Signal Interconnect
The digital signal lines should be isolated as much as possible
from the analog outputs and other analog circuitry. Digital
signal lines should not overlay the analog power plane.
Due to the high clock rates used, avoid long clock lines to the
ADV7320/ADV7321 to minimize noise pickup.
Any active pull-up termination resistors for the digital inputs
should be connected to the digital power plane and not the
analog power plane.
Analog Signal Interconnect
Locate the ADV7320/ADV7321 as close as possible to the
output connectors to minimize noise pickup and reflections due
to impedance mismatch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com