Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7321 Datasheet(PDF) 36 Page - Analog Devices

Part # ADV7321
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7321 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADV7321 Datasheet HTML 32Page - Analog Devices ADV7321 Datasheet HTML 33Page - Analog Devices ADV7321 Datasheet HTML 34Page - Analog Devices ADV7321 Datasheet HTML 35Page - Analog Devices ADV7321 Datasheet HTML 36Page - Analog Devices ADV7321 Datasheet HTML 37Page - Analog Devices ADV7321 Datasheet HTML 38Page - Analog Devices ADV7321 Datasheet HTML 39Page - Analog Devices ADV7321 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 88 page
background image
ADV7320/ADV7321
Rev. 0 | Page 36 of 88
Table 19. Registers 0x65 to 0x7C
SR7–
SR0
Register
Bit Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register Setting
Reset
Values
0
0
1
Filter A
0
1
0
Filter B
0
1
1
Filter C
DNR Input Select
1
0
0
Filter D
0x00
0
DNR mode
DNR Mode
1
DNR sharpness mode
0
0
0
0
0 pixel offset
0
0
0
1
1 pixel offset
…
…
…
…
…
1
1
1
0
14 pixel offset
0x65
SD DNR 2
DNR Block Offset
1
1
1
1
15 pixel offset
0x66
SD Gamma A
SD Gamma Curve A Data Points
x
x
x
x
x
x
x
x
A0
0x00
0x67
SD Gamma A
SD Gamma Curve A Data Points
x
x
x
x
x
x
x
x
A1
0x00
0x68
SD Gamma A
SD Gamma Curve A Data Points
x
x
x
x
x
x
x
x
A2
0x00
0x69
SD Gamma A
SD Gamma Curve A Data Points
x
x
x
x
x
x
x
x
A3
0x00
0x6A
SD Gamma A
SD Gamma Curve A Data Points
x
x
x
x
x
x
x
x
A4
0x00
0x6B
SD Gamma A
SD Gamma Curve A Data Points
x
x
x
x
x
x
x
x
A5
0x00
0x6C
SD Gamma A
SD Gamma Curve A Data Points
x
x
x
x
x
x
x
x
A6
0x00
0x6D
SD Gamma A
SD Gamma Curve A Data Points
x
x
x
x
x
x
x
x
A7
0x00
0x6E
SD Gamma A
SD Gamma Curve A Data Points
x
x
x
x
x
x
x
x
A8
0x00
0x6F
SD Gamma A
SD Gamma Curve A Data Points
x
x
x
x
x
x
x
x
A9
0x00
0x70
SD Gamma B
SD Gamma Curve B Data Points
x
x
x
x
x
x
x
x
B0
0x00
0x71
SD Gamma B
SD Gamma Curve B Data Points
x
x
x
x
x
x
x
x
B1
0x00
0x72
SD Gamma B
SD Gamma Curve B Data Points
x
x
x
x
x
x
x
x
B2
0x00
0x73
SD Gamma B
SD Gamma Curve B Data Points
x
x
x
x
x
x
x
x
B3
0x00
0x74
SD Gamma B
SD Gamma Curve B Data Points
x
x
x
x
x
x
x
x
B4
0x00
0x75
SD Gamma B
SD Gamma Curve B Data Points
x
x
x
x
x
x
x
x
B5
0x00
0x76
SD Gamma B
SD Gamma Curve B Data Points
x
x
x
x
x
x
x
x
B6
0x00
0x77
SD Gamma B
SD Gamma Curve B Data Points
x
x
x
x
x
x
x
x
B7
0x00
0x78
SD Gamma B
SD Gamma Curve B Data Points
x
x
x
x
x
x
x
x
B8
0x00
0x79
SD Gamma B
SD Gamma Curve B Data Points
x
x
x
x
x
x
x
x
B9
0x00
0x7A
SD Brightness
Detect
SD Brightness Value
x
x
x
x
x
x
x
x
Read only
Field Count
x
x
x
Read only
Reserved
0
Reserved
Reserved
0
Reserved
Reserved
0
Reserved
0x7B
Field Count
Register
Revision Code
1
0
Read only
0x8x
0x7C
Reserved
Reserved
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com