Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7321 Datasheet(PDF) 40 Page - Analog Devices

Part # ADV7321
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7321 Datasheet(HTML) 40 Page - Analog Devices

Back Button ADV7321 Datasheet HTML 36Page - Analog Devices ADV7321 Datasheet HTML 37Page - Analog Devices ADV7321 Datasheet HTML 38Page - Analog Devices ADV7321 Datasheet HTML 39Page - Analog Devices ADV7321 Datasheet HTML 40Page - Analog Devices ADV7321 Datasheet HTML 41Page - Analog Devices ADV7321 Datasheet HTML 42Page - Analog Devices ADV7321 Datasheet HTML 43Page - Analog Devices ADV7321 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 88 page
background image
ADV7320/ADV7321
Rev. 0 | Page 40 of 88
Table 22. Input Configurations
Input Format
Total Bits
Input Video
Input Pins
Subaddress
Register Setting
0x01
0x00
8
4:2:2
YCrCb
S9 to S2 (MSB = S9)
0x48
0x00
0x01
0x00
10
4:2:2
YCrCb
S9 to S0 (MSB = S9)
0x48
0x10
Y
S9 to S2 (MSB = S9)
0x01
0x00
16
4:2:2
CrCb
Y9 to Y2 (MSB = Y9)
0x48
0x08
Y
S9 to S0 (MSB = S9)
0x01
0x00
20
4:2:2
CrCb
Y9 to Y0 (MSB = Y9)
0x48
0x18
0x01
0x80
8
4:2:2
YCrCb
Y9 to Y2 (MSB = Y9)
0x48
0x00
0x01
0x80
ITU-R BT.656 (See Table 21)
10
4:2:2
YCrCb
Y9 to Y0 (MSB = Y9)
0x48
0x10
0x01
0x10
8 (27 MHz clock)
4:2:2
YCrCb
Y9 to Y2 (MSB = Y9)
0x13
0x40
0x01
0x10
10 (27 MHz clock)
4:2:2
YCrCb
Y9 to Y0 (MSB = Y9)
0x13
0x44
0x01
0x70
8 (54 MHz clock)
4:2:2
YCrCb
Y9 to Y2 (MSB = Y9)
0x13
0x40
0x01
0x70
10 (54 MHz clock)
4:2:2
YCrCb
Y9 to Y0 (MSB = Y9)
0x13
0x44
Y
Y9 to Y2 (MSB = Y9)
0x01
0x10
16
4:2:2
CrCb
C9 to C2 (MSB = C9)
0x13
0x40
Y
Y9 to Y0 (MSB = Y9)
0x01
0x10
20
4:2:2
CrCb
C9 to C0 (MSB = C9)
0x13
0x44
Y
Y9 to Y2 (MSB = Y9)
0x01
0x10
Cb
C9 to C2 (MSB = C9)
24
4:4:4
Cr
S9 to S2 (MSB = S9)
0x13
0x00
Y
Y9 to Y0 (MSB = Y9)
0x01
0x10
Cb
C9 to C0 (MSB = C9)
PS Only
30
4:4:4
Cr
S9 to S0 (MSB = S9)
0x13
0x04
Y
Y9 to Y2 (MSB = Y9)
0x01
0x20
16
4:2:2
CrCb
C9 to Y2 (MSB = C9)
0x13
0x40
Y
Y9 to Y0 (MSB = Y9)
0x01
0x20
20
4:2:2
CrCb
C9 to C0 (MSB = C9)
0x13
0x44
Y
Y9 to Y2 (MSB = Y9)
0x01
0x20
Cb
C9 to C2 (MSB = C9)
24
4:4:4
Cr
S9 to S2 (MSB = S9)
0x13
0x00
Y
Y9 to Y0 (MSB = Y9)
0x01
0x20
Cb
C9 to C0 (MSB = C9)
HDTV Only
30
4:4:4
Cr
S9 to S0 (MSB = S9)
0x13
0x04
G
Y9 to Y2 (MSB = Y9)
0x01
0x10 or 0x20
B
C9 to C2 (MSB = C9)
0x13
0x00
24
4:4:4
R
S9 to S2 (MSB = S9)
0x15
0x02
G
Y9 to Y0 (MSB = Y9)
0x01
0x10 or 0x20
B
C9 to C0 (MSB = C9)
0x13
0x04
HD RGB
30
4:4:4
R
S9 to S0 (MSB = S9)
0x15
0x02
8 (SD)
4:2:2
YCrCb
S9 to S2 (MSB = S9)
0x01
0x40
0x13
0x40
ITU-R BT.656 and PS
8 (PS)
4:2:2
YCrCb
Y9 to Y2 (MSB = Y9)
0x48
0x00
10 (SD)
4:2:2
YCrCb
S9 to S0 (MSB = S9)
0x01
0x40
0x13
0x44
ITU-R BT.656 and PS
10 (PS)
4:2:2
YCrCb
Y9 to Y0 (MSB = Y9)
0x48
0x10
8
4:2:2
YCrCb
S9 to S2 (MSB = S9)
0x01
0x30, 0x50, or 0x60
Y
Y9 to Y2 (MSB = Y9)
0x13
0x40
ITU-R BT.656 and PS or HDTV
16
4:2:2
CrCb
C9 to C2 (MSB = C9)
0x48
0x00
10
4:2:2
YCrCb
S9 to S0 (MSB = S9)
0x01
0x30, 0x50, or 0x60
Y
Y9 to Y0 (MSB = Y9)
0x13
0x44
ITU-R BT.656 and PS or HDTV
20
4:2:2
CrCb
C9 to C0 (MSB = C9)
0x48
0x10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com