Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7321 Datasheet(PDF) 55 Page - Analog Devices

Part # ADV7321
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7321 Datasheet(HTML) 55 Page - Analog Devices

Back Button ADV7321 Datasheet HTML 51Page - Analog Devices ADV7321 Datasheet HTML 52Page - Analog Devices ADV7321 Datasheet HTML 53Page - Analog Devices ADV7321 Datasheet HTML 54Page - Analog Devices ADV7321 Datasheet HTML 55Page - Analog Devices ADV7321 Datasheet HTML 56Page - Analog Devices ADV7321 Datasheet HTML 57Page - Analog Devices ADV7321 Datasheet HTML 58Page - Analog Devices ADV7321 Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 88 page
background image
ADV7320/ADV7321
Rev. 0 | Page 55 of 88
HD SHARPNESS FILTER AND ADAPTIVE FILTER
CONTROLS
[Subaddresses 0x20, 0x38 to 0x3D]
There are three filter modes available on the ADV7320/
ADV7321: sharpness filter mode and two adaptive filter modes.
HD Sharpness Filter Mode
To enhance or attenuate the Y signal in the frequency ranges
shown in Figure 73, the HD sharpness filter must be enabled
and the HD adaptive filter enable must be disabled.
To select one of the 256 individual responses, the corresponding
gain values, which range from –8 to +7, for each filter must be
programmed into the HD sharpness filter gain register at
Address 0x20.
HD Adaptive Filter Mode
The HD adaptive filter threshold A, B, and C registers, the HD
adaptive filter gain 1, 2, and 3 registers, and the HD sharpness
gain register are used in adaptive filter mode. To activate the
adaptive filter control, the HD sharpness filter and the HD
adaptive filter must be enabled.
The derivative of the incoming signal is compared to the three
programmable threshold values: HD Adaptive Filter Threshold
A, B, and C. The recommended threshold range is from 16 to
235, although any value in the range of 0 to 255 can be used.
The edges can then be attenuated with the settings in HD
adaptive filter gain 1, 2, and 3 registers, and HD sharpness filter
gain register.
According to the settings of the HD adaptive filter mode
control, there are two adaptive filter modes available:
1.
Mode A is used when adaptive filter mode is set to 0.
In this case, Filter B (LPF) will be used in the adaptive
filter block. Also, only the programmed values for
Gain B in the HD sharpness filter gain and HD
Adaptive Filter Gain 1, 2, and 3 are applied when
needed. The Gain A values are fixed and cannot be
changed.
2.
Mode B is used when adaptive filter mode is set to 1.
In this mode, a cascade of Filter A and Filter B is used.
Both settings for Gain A and Gain B in the HD
sharpness filter gain and HD Adaptive Filter Gain 1, 2,
and 3 become active when needed.
FREQUENCY (MHz)
FILTER A RESPONSE (Gain Ka)
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
FREQUENCY (MHz)
FILTER B RESPONSE (Gain Kb)
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
FREQUENCY (MHz)
1.0
1.1
1.2
1.3
1.4
1.5
1.6
10
12

INPUT
SIGNAL:
STEP
FREQUENCY RESPONSE IN SHARPNESS
FILTER MODE WITH Ka = 3 AND Kb = 7
SHARPNESS AND ADAPTIVE FILTER CONTROL BLOCK
0
24
6
8
Figure 73. Sharpness and Adaptive Filter Control Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com