Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8646SEVPBF Datasheet(PDF) 6 Page - Analog Devices

Part # LT8646SEVPBF
Description  65V, 8A Synchronous Step-Down Silent Switcher 2 with 2.5μA Quiescent Current
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8646SEVPBF Datasheet(HTML) 6 Page - Analog Devices

Back Button LT8646SEVPBF Datasheet HTML 2Page - Analog Devices LT8646SEVPBF Datasheet HTML 3Page - Analog Devices LT8646SEVPBF Datasheet HTML 4Page - Analog Devices LT8646SEVPBF Datasheet HTML 5Page - Analog Devices LT8646SEVPBF Datasheet HTML 6Page - Analog Devices LT8646SEVPBF Datasheet HTML 7Page - Analog Devices LT8646SEVPBF Datasheet HTML 8Page - Analog Devices LT8646SEVPBF Datasheet HTML 9Page - Analog Devices LT8646SEVPBF Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
LT8645S/LT8646S
6
Rev. B
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
EN Pin Thresholds
Reference Voltage
LT8645S Load Regulation
LT8645S Line Regulation
LT8645S No-Load Supply Current
Burst Mode Operation Efficiency
vs Inductor Value (LT8645S)
LT8646S Load Regulation
LT8646S Line Regulation
LT8646S No-Load Supply Current
VOUT = 5V
ILOAD = 10mA
L = WE–LHMI7050
VIN = 12V
VIN = 24V
INDUCTOR VALUE (µH)
1
2
3
4
5
6
7
8
9
10
65
70
75
80
85
90
95
100
8645S G10
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
961
963
965
967
969
971
973
975
977
979
8645S G11
EN RISING
EN FALLING
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
0.95
0.96
0.97
0.98
0.99
1.00
1.01
1.02
1.03
8645S G12
LOAD CURRENT (A)
0
1
2
3
4
5
6
7
8
–0.10
–0.05
0
0.05
0.10
0.15
0.20
8645S G13
VOUT = 5V
VIN = 12V
VSYNC = 0V
VOUT = 5V
VIN = 12V
VSYNC = 0V
LOAD CURRENT (A)
0
1
2
3
4
5
6
7
8
–0.50
–0.40
–0.30
–0.20
–0.10
0.00
0.10
0.20
0.30
0.40
8645S G14
VOUT = 5V
ILOAD = 2A
INPUT VOLTAGE (V)
5
15
25
35
45
55
65
–0.10
–0.05
0.00
0.05
0.10
0.15
0.20
8645S G15
VOUT = 5V
ILOAD = 2A
INPUT VOLTAGE (V)
5
15
25
35
45
55
65
–0.10
–0.05
0
0.05
0.10
0.15
0.20
0.25
0.30
LT8646S Line Regulation
8645S G16
VOUT = 5V
L = 4.7µH
IN REGULATION
INPUT VOLTAGE (V)
0
10
20
30
40
50
60
25
50
75
100
125
150
175
200
225
8645S G18
VOUT = 3.3V
L = 4.7µH
IN-REGULATION
INPUT VOLTAGE (V)
0
10
20
30
40
50
60
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
8645S G17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com