Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8646SEVPBF Datasheet(PDF) 16 Page - Analog Devices

Part # LT8646SEVPBF
Description  65V, 8A Synchronous Step-Down Silent Switcher 2 with 2.5μA Quiescent Current
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8646SEVPBF Datasheet(HTML) 16 Page - Analog Devices

Back Button LT8646SEVPBF Datasheet HTML 12Page - Analog Devices LT8646SEVPBF Datasheet HTML 13Page - Analog Devices LT8646SEVPBF Datasheet HTML 14Page - Analog Devices LT8646SEVPBF Datasheet HTML 15Page - Analog Devices LT8646SEVPBF Datasheet HTML 16Page - Analog Devices LT8646SEVPBF Datasheet HTML 17Page - Analog Devices LT8646SEVPBF Datasheet HTML 18Page - Analog Devices LT8646SEVPBF Datasheet HTML 19Page - Analog Devices LT8646SEVPBF Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
LT8645S/LT8646S
16
Rev. B
For more information www.analog.com
APPLICATIONS INFORMATION
Low EMI PCB Layout
The LT8645S/LT8646S is specifically designed to mini-
mize EMI emissions and also to maximize efficiency when
switching at high frequencies. For optimal performance
the LT8645S/LT8646S should use multiple VIN bypass
capacitors.
Two small 0.47µF capacitors can be placed as close as
possible to the LT8645S/LT8646S: One capacitor on each
side of the device (COPT1, COPT2). A third capacitor with a
larger value, 4.7µF or higher, should be placed near COPT1
or COPT2.
See Figure 1 for recommended PCB layouts.
Figure 1. Recommended PCB Layouts for the LT8645S and LT8646S
8645S F01a
GROUND VIA
VIN VIA
VOUT VIA
OTHER SIGNAL VIAS
V
V
V
V
V
C1
R2
R1
CSS
RT
COPT1
CIN3
COUT
L
a) LT8645S
COPT2
8645S F01b
GROUND VIA
VIN VIA
VOUT VIA
OTHER SIGNAL VIAS
V
V
V
V
C1
R2
R1
CSS
RT
COPT1
CIN3
COUT
L
b) LT8646S
COPT2
V
CF
RC
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com