Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8646SEVPBF Datasheet(PDF) 23 Page - Analog Devices

Part # LT8646SEVPBF
Description  65V, 8A Synchronous Step-Down Silent Switcher 2 with 2.5μA Quiescent Current
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8646SEVPBF Datasheet(HTML) 23 Page - Analog Devices

Back Button LT8646SEVPBF Datasheet HTML 19Page - Analog Devices LT8646SEVPBF Datasheet HTML 20Page - Analog Devices LT8646SEVPBF Datasheet HTML 21Page - Analog Devices LT8646SEVPBF Datasheet HTML 22Page - Analog Devices LT8646SEVPBF Datasheet HTML 23Page - Analog Devices LT8646SEVPBF Datasheet HTML 24Page - Analog Devices LT8646SEVPBF Datasheet HTML 25Page - Analog Devices LT8646SEVPBF Datasheet HTML 26Page - Analog Devices LT8646SEVPBF Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
LT8645S/LT8646S
23
Rev. B
For more information www.analog.com
APPLICATIONS INFORMATION
supply is current limited, or has a relatively high source
resistance. A switching regulator draws constant power
from the source, so source current increases as source
voltage drops. This looks like a negative resistance load
to the source and can cause the source to current limit or
latch low under low source voltage conditions. The VIN(EN)
threshold prevents the regulator from operating at source
voltages where the problems might occur. This threshold
can be adjusted by setting the values R3 and R4 such that
they satisfy the following equation:
VIN(EN) =
R3
R4
+ 1
⎛
⎝⎜
⎞
⎠⎟
• 1.01V
(11)
where the LT8645S/LT8646S will remain off until VIN is
above VIN(EN).Duetothecomparator’shysteresis,switch-
ing will not stop until the input falls slightly below VIN(EN).
When operating in Burst Mode operation for light load
currents, the current through the VIN(EN) resistor network
can easily be greater than the supply current consumed
by the LT8645S/LT8646S. Therefore, the VIN(EN) resistors
should be large to minimize their effect on efficiency at
low loads.
INTVCC Regulator
Aninternallowdropout(LDO)regulatorproducesthe3.4V
supply from VIN that powers the drivers and the internal
bias circuitry. The INTVCC can supply enough current for
the LT8645S/LT8646S’s circuitry. To improve efficiency
the internal LDO can also draw current from the BIAS pin
when the BIAS pin is at 3.1V or higher. Typically the BIAS
pin can be tied to the output of the LT8645S/LT8646S,
or can be tied to an external supply of 3.3V or above. If
BIAS is connected to a supply other than VOUT, be sure
to bypass with a local ceramic capacitor. If the BIAS pin is
below 3.0V, the internal LDO will consume current from
VIN.Applicationswithhighinputvoltageandhighswitching
frequency where the internal LDO pulls current from VIN
will increase die temperature because of the higher power
dissipation across the LDO. Do not connect an external
load to the INTVCC pin.
Frequency Compensation (LT8646S Only)
Loop compensation determines the stability and transient
performance, and is provided by the components tied to
the VC pin. Generally, a capacitor (CC) and a resistor (RC)
in series to ground are used. Designing the compensation
network is a bit complicated and the best values depend
on the application. A practical approach is to start with
one of the circuits in this data sheet that is similar to your
application and tune the compensation network to opti-
mize the performance. LTspice® simulations can help in
this process. Stability should then be checked across all
operating conditions, including load current, input voltage
and temperature. The LT1375 data sheet contains a more
thorough discussion of loop compensation and describes
how to test the stability using a transient load.
Figure  4 shows an equivalent circuit for the LT8646S
control loop. The error amplifier is a transconductance
amplifier with finite output impedance. The power section,
consisting of the modulator, power switches, and inductor,
is modeled as a transconductance amplifier generating an
output current proportional to the voltage at the VC pin.
Note that the output capacitor integrates this current, and
that the capacitor on the VC pin (CC) integrates the error
amplifier output current, resulting in two poles in the loop.
A zero is required and comes from a resistor RC in series
with CC. This simple model works well as long as the value
VC
200k
FB
0.97V
8645S F04
CPL
LT8646S
CURRENT MODE
POWER STAGE
COUT
R1
R2
OUTPUT
CF
CC
RC
Gm = 8S
gm = 1.7mS
Figure 4. Model for Loop Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com