Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8646SEVPBF Datasheet(PDF) 12 Page - Analog Devices

Part # LT8646SEVPBF
Description  65V, 8A Synchronous Step-Down Silent Switcher 2 with 2.5μA Quiescent Current
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8646SEVPBF Datasheet(HTML) 12 Page - Analog Devices

Back Button LT8646SEVPBF Datasheet HTML 8Page - Analog Devices LT8646SEVPBF Datasheet HTML 9Page - Analog Devices LT8646SEVPBF Datasheet HTML 10Page - Analog Devices LT8646SEVPBF Datasheet HTML 11Page - Analog Devices LT8646SEVPBF Datasheet HTML 12Page - Analog Devices LT8646SEVPBF Datasheet HTML 13Page - Analog Devices LT8646SEVPBF Datasheet HTML 14Page - Analog Devices LT8646SEVPBF Datasheet HTML 15Page - Analog Devices LT8646SEVPBF Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
LT8645S/LT8646S
12
Rev. B
For more information www.analog.com
PIN FUNCTIONS
BIAS (Pin 1): The internal regulator will draw current from
BIAS instead of VIN when BIAS is tied to a voltage higher
than 3.1V. For output voltages of 3.3V to 25V this pin
should be tied to VOUT. If this pin is tied to a supply other
than VOUT use a 1µF local bypass capacitor on this pin.
If no supply is available, tie to GND. However, especially
for high input or high frequency applications, BIAS should
be tied to output or an external supply of 3.3V or above.
INTVCC (Pin 2): Internal 3.4V Regulator Bypass Pin. The
internal power drivers and control circuits are powered
from this voltage. INTVCC maximum output current is
25mA. Do not load the INTVCC pin with external circuitry.
INTVCC current will be supplied from BIAS if BIAS > 3.1V,
otherwisecurrentwillbedrawnfromVIN.VoltageonINTVCC
will vary between 2.8V and 3.4V when BIAS is between
3.0V and 3.6V. This pin should be floated.
NC (Pins 3, 7, 20, 24): No Connect. This pin is not con-
nected to internal circuitry and can be tied anywhere on
the PCB, typically ground.
VIN (Pins 4, 5, 6, 21, 22, 23): The VIN pins supply cur-
rent to the LT8645S/LT8646S internal circuitry and to
the internal topside power switch. These pins must be
tied together and be locally bypassed with a capacitor of
4.7µF or more. Be sure to place the positive terminal of
the input capacitor as close as possible to the VIN pins,
and the negative capacitor terminal as close as possible
to the GND pins. See the Applications Information section
for a sample layout.
GND (Pins 8, 9, 10, 17, 18, 19, Exposed Pad Pins
33–38): Ground. Place the negative terminal of the input
capacitor as close to the GND pins as possible. See the
Applications Information section for a sample layout. The
exposed pads should be soldered to the PCB for good
thermal performance. If necessary due to manufacturing
limitationsPins33to38maybeleftdisconnected,however
thermal performance will be degraded.
BST (Pin 11): This pin is used to provide a drive voltage,
higher than the input voltage, to the topside power switch.
This pin should be floated.
SW (Pins 12, 13, 14, 15, 16): The SW pins are the outputs
of the internal power switches. Tie these pins together and
connectthemtotheinductorandboostcapacitor.Thisnode
should be kept small on the PCB for good performance
and low EMI.
EN/UV (Pin 25): The LT8645S/LT8646S is shut down
when this pin is low and active when this pin is high.
The hysteretic threshold voltage is 1.01V going up and
0.965V going down. Tie to VIN if the shutdown feature is
not used. An external resistor divider from VIN can be used
to program a VIN threshold below which the LT8645S/
LT8646S will shut down.
RT (Pin 26): A resistor is tied between RT and ground to
set the switching frequency.
CLKOUT (Pin 27): In pulse-skipping mode, spread spec-
trum, and synchronization modes, the CLKOUT pin will
provide a ~200ns wide pulse at the switch frequency. The
low and high levels of the CLKOUT pin are ground and
INTVCC respectively, and the drive strength of the CLKOUT
pin is several hundred ohms. In Burst Mode operation,
the CLKOUT pin will be low. Float this pin if the CLKOUT
function is not used.
SYNC/MODE (Pin 28): This pin programs four different
operating modes: 1) Burst Mode. Tie this pin to ground
for Burst Mode operation at low output loads—this will
result in ultralow quiescent current. 2) Pulse-skipping
mode. This mode offers full frequency operation down to
low output loads before pulse skipping occurs. Float this
pin for pulse-skipping mode. When floating, pin leakage
currents should be <1µA. 3) Spread spectrum mode. Tie
this pin high to INTVCC (~3.4V) or an external supply of
3V to 4V for pulse-skipping mode with spread spectrum
modulation. 4) Synchronization mode. Drive this pin with
a clock source to synchronize to an external frequency.
During synchronization the part will operate in pulse-
skipping mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com