Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8646SEVPBF Datasheet(PDF) 9 Page - Analog Devices

Part # LT8646SEVPBF
Description  65V, 8A Synchronous Step-Down Silent Switcher 2 with 2.5μA Quiescent Current
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8646SEVPBF Datasheet(HTML) 9 Page - Analog Devices

Back Button LT8646SEVPBF Datasheet HTML 5Page - Analog Devices LT8646SEVPBF Datasheet HTML 6Page - Analog Devices LT8646SEVPBF Datasheet HTML 7Page - Analog Devices LT8646SEVPBF Datasheet HTML 8Page - Analog Devices LT8646SEVPBF Datasheet HTML 9Page - Analog Devices LT8646SEVPBF Datasheet HTML 10Page - Analog Devices LT8646SEVPBF Datasheet HTML 11Page - Analog Devices LT8646SEVPBF Datasheet HTML 12Page - Analog Devices LT8646SEVPBF Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
LT8645S/LT8646S
9
Rev. B
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Bias Pin Current
Case Temperature Rise
Switch Rising Edge
Switching Waveforms, Full
Frequency Continuous Operation
Switching Waveforms, Burst
Mode Operation
Switching Waveforms
VBIAS = 5V
VOUT = 5V
VIN = 12V
ILOAD = 1A
SWITCHING FREQUENCY (MHz)
0.2
0.6
1
1.4
1.8
2.2
0
5
10
15
20
25
30
8645S G37
DC2468A DEMO BOARD
VIN = 12V, fSW = 500kHz
VIN = 24V, fSW = 500kHz
VIN = 12V, fSW = 2MHz
VIN = 24V, fSW = 2MHz
LOAD CURRENT (A)
0
1
2
3
4
5
6
7
8
0
10
20
30
40
50
60
70
80
8645S G38
VIN = 12V
ILOAD = 3A
2ns/DIV
VSW
2V/DIV
8645S G39
FRONT PAGE APPLICATION
12VIN TO 5VOUT AT 2A
500ns/DIV
VSW
5V/DIV
IL
1A/DIV
8645S G40
FRONT PAGE APPLICATION
12VIN TO 5VOUT AT 10mA
VSYNC = 0V
10µs/DIV
VSW
5V/DIV
IL
500mA/DIV
8645S G41
FRONT PAGE APPLICATION
48VIN TO 5VOUT AT 2A
500ns/DIV
VSW
20V/DIV
IL
1A/DIV
8645S G42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com