Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8646SEVPBF Datasheet(PDF) 25 Page - Analog Devices

Part # LT8646SEVPBF
Description  65V, 8A Synchronous Step-Down Silent Switcher 2 with 2.5μA Quiescent Current
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8646SEVPBF Datasheet(HTML) 25 Page - Analog Devices

Back Button LT8646SEVPBF Datasheet HTML 21Page - Analog Devices LT8646SEVPBF Datasheet HTML 22Page - Analog Devices LT8646SEVPBF Datasheet HTML 23Page - Analog Devices LT8646SEVPBF Datasheet HTML 24Page - Analog Devices LT8646SEVPBF Datasheet HTML 25Page - Analog Devices LT8646SEVPBF Datasheet HTML 26Page - Analog Devices LT8646SEVPBF Datasheet HTML 27Page - Analog Devices LT8646SEVPBF Datasheet HTML 28Page - Analog Devices LT8646SEVPBF Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
LT8645S/LT8646S
25
Rev. B
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 7. Case Temperature Rise
Frequency foldback behavior depends on the state of the
SYNC pin: If the SYNC pin is low the switching frequency
will slow while the output voltage is lower than the pro-
grammed level. If the SYNC pin is connected to a clock
source,floated,ortiedhigh,theLT8645S/LT8646Swillstay
at the programmed frequency without foldback and only
slow switching if the inductor current exceeds safe levels.
Thereisanothersituationtoconsiderinsystemswherethe
output will be held high when the input to the LT8645S/
LT8646S is absent. This may occur in battery charg-
ing applications or in battery-backup systems where
a battery or some other supply is diode ORed with the
LT8645S/LT8646S’s output. If the VIN pin is allowed to
float and the EN pin is held high (either by a logic signal
or because it is tied to VIN), then the LT8645S/LT8646S’s
internal circuitry will pull its quiescent current through
its SW pin. This is acceptable if the system can tolerate
several μA in this state. If the EN pin is grounded the SW
pin current will drop to near 1µA. However, if the VIN pin
is grounded while the output is held high, regardless of
EN, parasitic body diodes inside the LT8645S/LT8646S
can pull current from the output through the SW pin and
the VIN pin. Figure 6 shows a connection of the VIN and
EN/UV pins that will allow the LT8645S/LT8646S to run
only when the input voltage is present and that protects
against a shorted or reversed input.
the LT8645S/LT8646S. Placing additional vias can reduce
thermal resistance further. The maximum load current
should be derated as the ambient temperature approaches
themaximumjunctionrating.Powerdissipationwithinthe
LT8645S/LT8646Scanbeestimatedbycalculatingthetotal
power loss from an efficiency measurement and subtract-
ing the inductor loss. The die temperature is calculated by
multiplying the LT8645S/LT8646S power dissipation by
the thermal resistance from junction to ambient.
Theinternalovertemperatureprotectionmonitorsthejunc-
tion temperature of the LT8645S/LT8646S. If the junction
temperature reaches approximately 180°C, the LT8645S/
LT8646S will stop switching and indicate a fault condition
until the temperature drops about 10°C cooler.
Temperature rise of the LT8645S/LT8646S is worst when
operating at high load, high VIN, and high switching fre-
quency. If the case temperature is too high for a given
application, then either VIN, switching frequency, or load
current can be decreased to reduce the temperature to
an acceptable level. Figure  7 shows examples of how
case temperature rise can be managed by reducing VIN,
switching frequency, or load.
Figure 6. Reverse VIN Protection
VIN
VIN
D1
LT8645S/
LT8646S
EN/UV
8645S F06
GND
DC2468A DEMO BOARD
VIN = 12V, fSW = 500kHz
VIN = 24V, fSW = 500kHz
VIN = 12V, fSW = 2MHz
VIN = 24V, fSW = 2MHz
LOAD CURRENT (A)
0
1
2
3
4
5
6
7
8
0
10
20
30
40
50
60
70
80
8645S F07
Thermal Considerations
For higher ambient temperatures, care should be taken
in the layout of the PCB to ensure good heat sinking of
the LT8645S/LT8646S. The ground pins on the bottom of
the package should be soldered to a ground plane. This
ground should be tied to large copper layers below with
thermal vias; these layers will spread heat dissipated by
TheLT8645S/LT8646S’stopswitchcurrentlimitdecreases
with higher duty cycle operation for slope compensation.
This also limits the output current the LT8645S/LT8646S
can deliver for a given application. See curve in the Typical
Performance Characteristics section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com