Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8646SEVPBF Datasheet(PDF) 8 Page - Analog Devices

Part # LT8646SEVPBF
Description  65V, 8A Synchronous Step-Down Silent Switcher 2 with 2.5μA Quiescent Current
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8646SEVPBF Datasheet(HTML) 8 Page - Analog Devices

Back Button LT8646SEVPBF Datasheet HTML 4Page - Analog Devices LT8646SEVPBF Datasheet HTML 5Page - Analog Devices LT8646SEVPBF Datasheet HTML 6Page - Analog Devices LT8646SEVPBF Datasheet HTML 7Page - Analog Devices LT8646SEVPBF Datasheet HTML 8Page - Analog Devices LT8646SEVPBF Datasheet HTML 9Page - Analog Devices LT8646SEVPBF Datasheet HTML 10Page - Analog Devices LT8646SEVPBF Datasheet HTML 11Page - Analog Devices LT8646SEVPBF Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
LT8645S/LT8646S
8
Rev. B
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Soft-Start Current
PG High Thresholds
PG Low Thresholds
RT Programmed Switching
Frequency
Minimum Input Voltage
Bias Pin Current
LT8645S Soft-Start Tracking
LT8646S Soft-Start Tracking
LT8646S Error Amp
Output Current
TR/SS VOLTAGE (V)
0
0.8
1.0
1.2
0.6
1.0
8645S G28
0.6
0.4
0.2
0.4
0.8
1.2
1.4
0.2
0
TR/SS VOLTAGE (V)
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6
0
0.2
0.4
0.6
0.8
1.0
1.2
LT8646S Soft-Start Tracking
8645S G29
VSS = 0.5V
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
8645S G30
VC = 1.25V
FB PIN ERROR VOLTAGE (mV)
–200
–100
0
100
200
–500
–375
–250
–125
0
125
250
375
500
LT8646S Error Amp Output Current
8645S G31
FB RISING
FB FALLING
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
8645S G32
FB RISING
FB FALLING
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
–10.0
–9.5
–9.0
–8.5
–8.0
–7.5
–7.0
–6.5
–6.0
8645S G33
SWITCHING FREQUENCY (MHz)
0.2
150
200
250
1.8
8645S G34
100
50
125
175
225
75
25
0
0.6
1
1.4
2.2
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
2.4
2.6
2.8
3.0
3.2
3.4
3.6
8645S G35
VBIAS = 5V
VOUT = 5V
fSW = 1MHz
INPUT VOLTAGE (V)
5
15
25
35
45
55
65
10
11
12
13
14
15
8645S G36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com