Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZ01 Datasheet(PDF) 22 Page - Kyocera Kinseki Corpotation

Part # BZ01
Description  BestCap® Ultra-low ESR High Power Pulse Supercapacitors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

BZ01 Datasheet(HTML) 22 Page - Kyocera Kinseki Corpotation

Back Button BZ01 Datasheet HTML 18Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 19Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 20Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 21Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 22Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 23Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 24Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 25Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 26Page - Kyocera Kinseki Corpotation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or
available online at www.avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.
19
SECTION 3.3: MOUNTING PROCEDURE ON A PCB FOR BESTCAP®
BestCap® products can be mounted on PCBs by either selectively heating only the capacitor terminals by using a pulsed reflow soldering
station or by using hand soldering. IR Reflow or wave soldering may not be used. The main body of the device should be less than 60ºC at
all times.
PULSED REFLOW SOLDERING
Application data for the ‘Unitek’ pulsed-reflow soldering station.
Controller
Uniflow ‘Pulsed Thermode Control’
Head
Thin-line Reflow Solder Head
Solder paste type
No Clean Flux
Solder composition
63% Sn, 37% Pb
Percent solids
88%
Solder thickness
6 mils
Solder-weld tip size
0.075”
Solder-weld tip force
6 lbs.
Temperature
Time
Pre-heat
130ºC
0 sec.
Rise
440ºC (±10)
2 sec.
Reflow
440ºC (±10)
2 sec.
Cool
165ºC
In both cases, the main body of the BestCap® part should be less than 60ºC at all times.
HAND SOLDERING STATION
Temperature Profile:
Equipment:
Equipment:
Temperature controlled, 50W general
purpose iron
Solder type:
63Sn/37Pb, rosin core wire
Temperature:
400ºC (+20ºC - 100ºC)
Time:
2 to 5 seconds maximum, smaller time (2
sec.) at 420ºC and 5 sec. at 300ºC, overall
it being a time-temperature relationship.
Shorter time, higher temperature is preferred.
Solder Type:
Lead Free, 95Sn/5Ag
Temperature:
430ºC (+20ºC - 100ºC)
Time:
2 to 5 seconds maximum, smaller time (2
sec.) at 450ºC and 5 sec. at 330ºC, overall a
time-temperature relationship. Shorter time,
higher temperature is preferred.
BestCap® Ultra-low ESR
High Power Pulse Supercapacitors
Mounting Procedure on a PCB for BestCap®
102419



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com