Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZ01 Datasheet(PDF) 9 Page - Kyocera Kinseki Corpotation

Part # BZ01
Description  BestCap® Ultra-low ESR High Power Pulse Supercapacitors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

BZ01 Datasheet(HTML) 9 Page - Kyocera Kinseki Corpotation

Back Button BZ01 Datasheet HTML 5Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 6Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 7Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 8Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 9Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 10Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 11Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 12Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 13Page - Kyocera Kinseki Corpotation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or
available online at www.avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.
6
BZ 05 CASE SIZE
Part
Number
Rated
Voltage
(Volts)
Capacitance
(mF)
ESR
(mOhms at 1 kHz)
Leakage
Current
(µA max)
Height
N-Lead
(mm)
Height
S-Lead
(mm)
Nominal
+80%, –20%
Typical
Maximum
Maximum
H max
H max
4.5V
BZ054B223Z_B
4.5V
22
170
204
5
2.3
2.3
BZ154B473Z_B
47
170
204
10
2.3
2.3
5.5V
BZ055B153Z_B
5.5V
15
250
300
5
2.7
2.7
BZ055A333Z_B
33
250
300
5
3.5
3.5
BZ055B333Z_B
33
125
150
10
NA
4.8
BZ155A104Z_B
100
125
150
20
NA
6.1
12.0V
BZ05CA103Z_B
12.0V
10
500
600
55
6.5
6.5
15.0V
BZ05FB682Z_B
15.0V
6.8
500
600
10
5.8
5.8
20.0V
BZ05KB472ZSB
20.0V
4.7
700
840
10
6.7
BestCap® Ultra-low ESR
High Power Pulse Supercapacitors
Electrical Ratings (BZ01/02/05/09)
102419
BZ 09 CASE SIZE
Part
Number
Rated
Voltage
(Volts)
Capacitance
(mF)
ESR
(mOhms at 1 kHz)
Leakage
Current
(µA max)
Height
N-Lead
(mm)
Height
S-Lead
(mm)
Nominal
+80%, –20%
Typical
Maximum
Maximum
H max
H max
4.5V
BZ094B153Z_BAI
4.5V
15
250
300
5
2.4*
2.3*
* The 4.5V BZ09 BestCap® are available only in a special low profile version.
All capacitance, ESR, and leakage current values listed in these tables are at room temperature only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com