Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZ01 Datasheet(PDF) 5 Page - Kyocera Kinseki Corpotation

Part # BZ01
Description  BestCap® Ultra-low ESR High Power Pulse Supercapacitors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

BZ01 Datasheet(HTML) 5 Page - Kyocera Kinseki Corpotation

  BZ01 Datasheet HTML 1Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 2Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 3Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 4Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 5Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 6Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 7Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 8Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 9Page - Kyocera Kinseki Corpotation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or
available online at www.avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.
2
BESTCAP® – A SERIES – MAXIMUM CAPACITANCE,
LOW ESR B SERIES – LOW PROFILE, LOW ESR
The BestCap® is a low profile device available in four case sizes. Capacitance range is from 6.8mF to 1000mF and
includes 7 voltage ratings from 3.6V to 16V.
BESTCAP® – AVAILABLE LEAD CONFIGURATIONS
STANDARD:
N-Style: Two Terminal Planar Mount
(Available in BZ01, BZ05, BZ09 case only)
S-Style: Three Terminal Planar Mount
(Available in BZ01, BZ05, BZ09 case only)
L-Style: Four Terminal Planar Mount
(Available in BZ01 and BZ02 case only)
A Style: Through-Hole Mount
(Available in BZ01, BZ02 case only)
H-Style: Extended Stand-Off Through Hole Mount
(Available in BZ01, BZ02 case only)
W-Style: Wire Lead Mount
(Available in BZ01, BZ05 case only)
BODY DIMENSIONS
Case Size
L ±0.5 (0.020)
mm (inches)
W ±0.2 (0.008)
mm (inches)
H nom mm (inches)
BZ01
28 (1.102)
17 (0.669)
2.3 (0.091) – 6.5 (0.256)
BZ02
48 (1.890)
30 (1.181)
2.9 (0.114) – 6.8 (0.268)
BZ05
20 (0.787)
15 (0.590)
2.3 (0.091) – 6.5 (0.256)
BZ09
17 (0.669)
15 (0.590)
2.3 (0.091)
LEAD-FREE COMPATIBLE
COMPONENT
ELECTRICAL SPECIFICATIONS
Full dimensional specifications shown in section (2)
(See Detailed Electrical Specifications for valid combinations)
Capacitance range:
6.8mF – 1000mF
Capacitance tolerance: +80% / –20%
Voltage ratings (max):
3.6V
4.5V
5.5V
9V
12V
15V
16V
20V
Test voltages:
3.5V
4.2V
5.0V
8.4V
10.0V
11.0V
13.0V
16.0V
Surge test voltage:
4.5V
5.6V
6.9V
11.3V
15.0V
18.8V
20.0V
25.0V
Temperature range:
–20°C to 70°C, consult factory for -40ºC and +75ºC options
HOW TO ORDER
BZ
0
1
5
A
503
Z
A
B
XX
BestCap® Standard
0 = Standard
1 = High Cap
Rated
Voltage
3 = 3.6V
4 = 4.5V
5 = 5.5V
9 = 9.0V
C = 12.0V
F = 15.0V
G = 16.0V
K = 20.0V
Case Size
1 = 28mmx17mm
2 = 48mmx30mm
5 = 20mmx15mm
9 = 17mmx15mm
Series
A = Maximum
Capacitance
B = Low Profile
Capacitance
Tolerance
Z = (+80/-20)%
8 = (+50/-20)%
P = (+100/-0)%
N = (+30/-30)%
Lead
Format
A, H, L, N,
S or W
Packaging
B = Bulk
Not Used
For Standard
Product
(Consult
Factory
For Special
Requirements)
Capacitance
Code
(Farad Code)
BestCap® Ultra-low ESR
High Power Pulse Supercapacitors
BestCap® General Information
102419



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com