Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZ01 Datasheet(PDF) 28 Page - Kyocera Kinseki Corpotation

Part # BZ01
Description  BestCap® Ultra-low ESR High Power Pulse Supercapacitors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

BZ01 Datasheet(HTML) 28 Page - Kyocera Kinseki Corpotation

Back Button BZ01 Datasheet HTML 24Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 25Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 26Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 27Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 28Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 29Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 30Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 31Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 32Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or
available online at www.avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.
25
4.4 BESTCAP® FOR GSM/GPRS PCM- CIA MO-
DEMS
There is an increasing usage of PCMCIA modem cards for wireless LAN
and WAN (Wide Area Network) applications.
The PCMCIA card is used as an accessory to Laptops and PDAs and enables
wide area mobile Internet access, including all associated applications like
Email and file transfer.
With the widespread use of GSM networks, a PCMCIA GSM modem is a
commonly used solution. To achieve higher speed data rates, GSM networks
are now being upgraded to support the GPRS standard.
The design challenge:
GSM/GPRS transmission requires a current of approximately 2A for the
pulse duration. The PCMCIA bus cannot supply this amount of pulsed
current. Therefore, there is a need for a relatively large capacitance to
bridge the gap.
The capacitor supplies the pulse current to the transmitter and is charged
by a low current during the interval between pulses.
Capacitor
2 Ampere
Current
Voltage
V+ from
PCMCIA bus
Transmitter
V
t
V1 = I*ESR
V2 = I* t/C
}
}
THE SOLUTION:
SOLUTION A
SOLUTION B
Chip Tantalum
BestCap®
BZ154B473ZSB
Rated Capacitance
(milli Farad)
2.2
47
Capacitance
@ 0.5msec Pulse
(milli Farad)
2.2
30
Operating Voltage (V)
3.7
3.7
ESR (milli ohm)
50
160
Size (mm)
.4 x 7 x 2
20 x 15 x 2.1
Voltage Drop* (V)
GPRS Pulse
(25% duty cycle)
0.804V
0.268V
Voltage After Pulse (V)
2.896
3.432
Cutoff Voltage (V)
3.1
3.1
Pass/FAIL
FAIL
PASS
* V=V1 +V2 =1.5A*ESR + (1.5A*1.154msec)/C
It is assumed that during the pulse, 0.5A is delivered by the battery and 1.5A
by the capacitor.
Conclusion: High capacitance is needed to minimize voltage drop. A high
value capacitance, even with a higher ESR, results in a lower voltage drop.
Low voltage drop minimizes the conductive and emitted electro magnetic
interference and increases transmitter output power and efficiency.
BestCap® Ultra-low ESR
High Power Pulse Supercapacitors
BestCap® for GSM/GPRS PCMCIA Modems
102419



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com