Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZ01 Datasheet(PDF) 7 Page - Kyocera Kinseki Corpotation

Part # BZ01
Description  BestCap® Ultra-low ESR High Power Pulse Supercapacitors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

BZ01 Datasheet(HTML) 7 Page - Kyocera Kinseki Corpotation

Back Button BZ01 Datasheet HTML 3Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 4Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 5Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 6Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 7Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 8Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 9Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 10Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 11Page - Kyocera Kinseki Corpotation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or
available online at www.avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.
4
SECTION 1: ELECTRICAL RATINGS
CAPACITANCE / VOLTAGE / CASE SIZE MATRIX
A-SERIES – MAXIMUM CAPACITANCE
Capacitance
Rated Voltage DC at 25°C
mF
Code
3.6V
5.5V
9.0V
12.0V
16.0V
Case
Size
Lead
Styles
Case
Size
Lead
Styles
Case
Size
Lead
Styles
Case
Size
Lead
Styles
Case
Size
Lead
Styles
10
103
BZ05
N, S
22
223
BZ01
A, H, S
33
333
BZ05
N, S, W
BZ01
A, H, S
47
473
BZ11
S
50
503
BZ01
A, H, S, L
68
683
BZ05
S
70
703
BZ01
A, H, S, L
90
903
BZ02
A, H, L
100
104
BZ01
A, H, S, L
120
124
BZ02
A, H, L
BZ12
A, L
140
144
BZ01
A, H, S, L
150
154
BZ15
S
200
204
BZ02
A, H, L
280
284
BZ02
A, H, L
400
404
BZ02
A, H, L
470
474
BZ12
A
560
564
BZ02
A, H, L
1000
105
BZ12
A, H, L
BestCap® Ultra-low ESR
High Power Pulse Supercapacitors
Electrical Ratings (A-B Series)
102419
B-SERIES – LOW PROFILE
Capacitance
Rated Voltage DC at 25°C
mF
Code
3.6V
4.5V
5.5V
9.0V
12.0V
15.0V
20.0V
Case
Size
Lead
Styles
Case
Size
Lead
Styles
Case
Size
Lead
Styles
Case
Size
Lead
Styles
Case
Size
Lead
Styles
Case
Size
Lead
Styles
Case
Size
Lead
Styles
4.7
472
BZ05
N, S, W
6.8
682
BZ05
N, S, W
BZ01
N, S, W
15
153
BZ09
N, S, W
BZ05
N, S, W
BZ01
A, H, S
22
223
BZ05
N, S, W
BZ01
A, H, S
30
303
BZ01
S, N
33
333
BZ01
S, N, W
BZ05
S, N, W
47
473
BZ15
N, S, W
BZ11
S
50
503
BZ01
S, N, W
60
603
BZ01
A, H, S, L
100
104
BZ11
S, N, W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com