Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZ01 Datasheet(PDF) 4 Page - Kyocera Kinseki Corpotation

Part # BZ01
Description  BestCap® Ultra-low ESR High Power Pulse Supercapacitors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

BZ01 Datasheet(HTML) 4 Page - Kyocera Kinseki Corpotation

  BZ01 Datasheet HTML 1Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 2Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 3Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 4Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 5Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 6Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 7Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 8Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 9Page - Kyocera Kinseki Corpotation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or
available online at www.avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.
1
INTRODUCING BESTCAP®: A NEW GENERATION OF PULSE SUPERCAPACITORS
Supercapacitors (also referred to as Electrochemical Capacitors or
Double Layer Capacitors) have rapidly become recognized, not only as an
excellent compromise between “electronic” or “dielectric” capacitors such
as ceramic, tantalum, film and aluminum electrolytic, and batteries (Figure
1), but also as a valuable technology for providing a unique combination
of characteristics, particularly very high energy, power and capacitance
densities.
There are, however, two limitations associated with conventional
supercapacitors, namely: high ESR in the tens of Ohms range, and high
capacitance loss when required to supply very short duration current
pulses. BestCap® successfully addresses both of these limitations.
The capacitance loss in the millisecond region is caused by the charge
transfer (i.e. establishment of capacitance) being carried out primarily by
relatively slow moving ions in double layer capacitors.
In the above-mentioned “electronic” capacitors, the charge transfer
is performed by fast electrons, thereby creating virtually instant rated
capacitance value. In the BestCap®, a unique proton polymer membrane is
used – charge transfer by protons is close to the transfer rate for electrons
and orders of magnitude greater than organic molecules. Figure 2 below
illustrates the severe capacitance loss experienced by several varieties of
supercapacitors under short pulse width conditions. It can also be seen
from Figure 2 how well BestCap® retains its capacitance with reducing
pulse widths.
For comparison purposes, the characteristic of an equivalent capacitance
value aluminum electrolytic capacitor is shown in Figure 2. The electrolytic
capacitor is many times the volume of the BestCap®.
Figure 1. Specific Energy of Capacitor Types
ELECTROLYTIC
CAPACITOR
PO
LYMER
ELECT
ROL
YTIC
ALUMINUM
TAN
TAL
UM
100
10
1
1000
100
10
1
0
0
0
0
1
1
.
0
1000
10000
SPECIFIC ENERGY
Capacitance (mF)
®
0%
20%
40%
60%
80%
100%
1000
100
Pulse Width (msec)
1
0
1
EDLC-Electrochemical
double layer capacitor
Aluminum Electrolytic Capacitor
manufacturer A EDLC
manufacturer B EDLC
manufacturer C EDLC
®
Figure 2. Actual Capacitance vs. Pulse Width
BestCap® Ultra-low ESR
High Power Pulse Supercapacitors
Introduction to BestCap®
102419



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com