Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZ01 Datasheet(PDF) 31 Page - Kyocera Kinseki Corpotation

Part # BZ01
Description  BestCap® Ultra-low ESR High Power Pulse Supercapacitors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

BZ01 Datasheet(HTML) 31 Page - Kyocera Kinseki Corpotation

Back Button BZ01 Datasheet HTML 24Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 25Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 26Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 27Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 28Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 29Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 30Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 31Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 32Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or
available online at www.avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.
28
PASSIVES
Capacitors
Multilayer Ceramic
Film
Glass
Niobium Oxide* - OxiCap®
Pulse Supercapacitors
Tantalum
Circuit Protection
Thermistors
Fuses - Thin Film
Transient Voltage Suppressors
Varistors - Zinc Oxide
Directional Couplers
Thin-Film
Filters
Ceramic
EMI
Noise
SAW
Low Pass - Thin Film
Inductors
Thin-Film
Integrated Passive Components
PMC - Thin-Film Networks
Capacitor Arrays
Feedthru Arrays
Low Inductance Decoupling Arrays
Piezo Acoustic Generators
Ceramic
Resistors
Arrays
Miniature Axials
Timing Devices
Clock Oscillators
MHz Quartz Crystal
Resonators
VCO
TCXO
CONNECTORS
Automotive
 Standard, Custom
Board to Board
 SMD (0.4, 0.5, 1.0mm), BGA, Thru-Hole
Card Edge
DIN41612
 Standard, Inverse, High Temperature
FFC/FPC
 0.3, 0.5, 1.0mm
Hand Held, Cellular
 Battery, I/O, SIMcard, RF shield clips
2mm Hard Metric
 Standard, Reduced Cross-Talk
IDC Wire to Board
 Headers, Plugs, Assemblies
Memory
 PCMCIA, Compact Flash, Secure Digital, MMC,
 Smartcard, SODIMM
Military
 H Government, DIN41612
PolytectTM
 Soft Molding
Rack and Panel
 VariconTM
NOTICE: Specifications are subject to change without notice. Contact your nearest AVX Sales Office for the latest specifications. All statements, information and data
given herein are believed to be accurate and reliable, but are presented without guarantee, warranty, or responsibility of any kind, expressed or implied. Statements or
suggestions concerning possible use of our products are made without representation or warranty that any such use is free of patent infringement and are not recom-
mendations to infringe any patent. The user should not assume that all safety measures are indicated or that other measures may not be required. Specifications are
typical and may not apply to all applications.
© AVX Corporation
“Niobium Oxide Capacitors are manufactured and sold under patent license from Cabot Corporation, Boyertown, Pennsylvania U.S.A.”
BestCap® Ultra-low ESR
High Power Pulse Supercapacitors
Product Listing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com