Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F100LE Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # R5F100LE
Description  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100LE Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button R5F100LE Datasheet HTML 37Page - Renesas Technology Corp R5F100LE Datasheet HTML 38Page - Renesas Technology Corp R5F100LE Datasheet HTML 39Page - Renesas Technology Corp R5F100LE Datasheet HTML 40Page - Renesas Technology Corp R5F100LE Datasheet HTML 41Page - Renesas Technology Corp R5F100LE Datasheet HTML 42Page - Renesas Technology Corp R5F100LE Datasheet HTML 43Page - Renesas Technology Corp R5F100LE Datasheet HTML 44Page - Renesas Technology Corp R5F100LE Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 207 page
background image
RL78/G13
1. OUTLINE
R01DS0131EJ0350 Rev.3.50
41 of 200
Jun 30, 2020
1.5.12 80-pin products
PORT 1
PORT 2
P20 to P27
8
PORT 3
P30, P31
2
PORT 4
PORT 5
P10 to P17
8
P40 to P45
6
P50 to P55
6
VOLTAGE
REGULATOR
REGC
INTERRUPT
CONTROL
RAM
WINDOW
WATCHDOG
TIMER
POWER ON RESET/
VOLTAGE
DETECTOR
POR/LVD
CONTROL
RESET CONTROL
SYSTEM
CONTROL
RESET
X1/P121
X2/EXCLK/P122
HIGH-SPEED
ON-CHIP
OSCILLATOR
ON-CHIP DEBUG
TOOL0/P40
SERIAL ARRAY
UNIT0 (4ch)
UART0
RxD0/P11(RxD0/P16)
TxD0/P12(TxD0/P17)
UART1
RxD1/P03
TxD1/P02
SCL00/P10
SDA00/P11
IIC00
TIMER ARRAY
UNIT0 (8ch)
ch2
TI02/TO02/P17
(TI02/TO02/P15)
ch3
TI03/TO03/P31
(TI03/TO03/P14)
ch0
ch1
ch4
TI04/TO04/P42
(TI04/TO04/P13)
ch5
TI05/TO05/P05
(TI05/TO05/P12)
ch6
TI06/TO06/P06
(TI06/TO06/P11)
ch7
INTP8/P74,
INTP9/P75
2
INTP0/P137
INTP3/P30,
INTP4/P31
INTP6/P140,
INTP7/P141
INTP1/P50,
INTP2/P51
RxD2/P14 (RxD2/P76)
CSI10
SCK10/P04
SO10/P02
SI10/P03
A/D CONVERTER
8
ANI0/P20 to ANI7/P27
AVREFP/P20
AVREFM/P21
CSI11
SCK11/P30
SO11/P51
SI11/P50
SCL01/P43
SDA01/P44
IIC01
SCL10/P04
SDA10/P03
IIC10
SCL11/P30
SDA11/P50
IIC11
TI07/TO07/P41
(TI07/TO07/P10)
TI00/P00
TO00/P01
BCD
ADJUSTMENT
CSI00
SO00/P12(SO00/P17)
SI00/P11(SI00/P16)
VSS,
EVSS0
TOOLRxD/P11,
TOOLTxD/P12
VDD,
EVDD0
SCLA0/P60(SCLA0/P14)
SERIAL
INTERFACE IICA0
SDAA0/P61(SDAA0/P13)
2
2
2
INTP5/P16(INTP5/P12)
MULTIPLIER&
DIVIDER,
MULTIPLY-
ACCUMULATOR
XT1/P123
XT2/EXCLKS/P124
PORT 0
P00 to P06
7
BUZZER OUTPUT
CLOCK OUTPUT
CONTROL
PCLBUZ0/P140
(PCLBUZ0/P31),
PCLBUZ1/P141
(PCLBUZ1/P55)
KEY RETURN
8
KR0/P70 to
KR7/P77
5
ANI16/P03, ANI17/P02,
ANI18/P147, ANI19/P120,
ANI20/P100
CSI01
SCK01/P43
SO01/P45
SI01/P44
DIRECT MEMORY
ACCESS CONTROL
PORT 6
PORT 7
P70 to P77
8
P60 to P67
8
PORT 10
P100
2
TI01/TO01/P16
RTC1HZ/P30
RxD2/P14
(RxD2/P76)
4
ANI8/P150 to ANI11/P153
PORT 11
P110, P111
2
PORT 12
P121 to P124
4
P120
PORT 13
P130
P137
PORT 14
P140 to P144,
P146, P147
7
PORT 15
P150 to P153
4
SERIAL ARRAY
UNIT1 (4ch)
RxD2/P14(RxD2/P76)
TxD2/P13(TxD2/P77)
UART3
RxD3/P143
TxD3/P144
SCL20/P15
SDA20/P14
IIC20
CSI30
SCK30/P142
SO30/P144
SI30/P143
CSI31
SCK31/P54
SO31/P52
SI31/P53
SCL21/P70
SDA21/P71
IIC21
SCL30/P142
SDA30/P143
IIC30
SCL31/P54
SDA31/P53
IIC31
CSI20
SCK20/P15
SO20/P13
SI20/P14
CSI21
SCK21/P70
SO21/P72
SI21/P71
UART2
LINSEL
TIMER ARRAY
UNIT1 (4ch)
ch2
ch3
ch0
ch1
TI12/TO12/P66
TI13/TO13/P67
TI11/TO11/P65
TI10/TO10/P64
SDAA1/P63
SCLA1/P62
SERIAL
INTERFACE IICA1
REAL-TIME
CLOCK
CODE FLASH MEMORY
DATA FLASH MEMORY
RL78
CPU
CORE
INTP10/P76(INTP10/P110),
INTP11/P77(INTP11/P111)
SCK00/P10(SCK00/P55)
2
CRC
LOW-SPEED
ON-CHIP
OSCILLATOR
12- BIT INTERVAL
TIMER
Remark
Functions in parentheses in the above figure can be assigned via settings in the peripheral I/O redirection
register (PIOR). Refer to Figure 4-8 Format of Peripheral I/O Redirection Register (PIOR) in the
RL78/G13 User’s Manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com