Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F100LE Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # R5F100LE
Description  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100LE Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button R5F100LE Datasheet HTML 64Page - Renesas Technology Corp R5F100LE Datasheet HTML 65Page - Renesas Technology Corp R5F100LE Datasheet HTML 66Page - Renesas Technology Corp R5F100LE Datasheet HTML 67Page - Renesas Technology Corp R5F100LE Datasheet HTML 68Page - Renesas Technology Corp R5F100LE Datasheet HTML 69Page - Renesas Technology Corp R5F100LE Datasheet HTML 70Page - Renesas Technology Corp R5F100LE Datasheet HTML 71Page - Renesas Technology Corp R5F100LE Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 207 page
background image
RL78/G13
2. ELECTRICAL SPECIFICATIONS (TA = –40 to +85°C)
R01DS0131EJ0350 Rev.3.50
68 of 200
Jun 30, 2020
Notes 1. Total current flowing into VDD, EVDD0, and EVDD1, including the input leakage current flowing when the level of
the input pin is fixed to VDD, EVDD0, and EVDD1, or VSS, EVSS0, and EVSS1. The values below the MAX. column
include the peripheral operation current. However, not including the current flowing into the A/D converter, LVD
circuit, I/O port, and on-chip pull-up/pull-down resistors and the current flowing during data flash rewrite.
2. When high-speed on-chip oscillator and subsystem clock are stopped.
3. When high-speed system clock and subsystem clock are stopped.
4. When high-speed on-chip oscillator and high-speed system clock are stopped. When AMPHS1 = 1 (Ultra-low
power consumption oscillation). However, not including the current flowing into the RTC, 12-bit interval timer,
and watchdog timer.
5. Relationship between operation voltage width, operation frequency of CPU and operation mode is as below.
HS (high-speed main) mode: 2.7 V
≤ VDD ≤ 5.5 V@1 MHz to 32 MHz
2.4 V
≤ VDD ≤ 5.5 V@1 MHz to 16 MHz
LS (low-speed main) mode:
1.8 V
≤ VDD ≤ 5.5 V @1 MHz to 8 MHz
LV (low-voltage main) mode: 1.6 V
≤ VDD ≤ 5.5 V@1 MHz to 4 MHz
Remarks 1. fMX:
High-speed system clock frequency (X1 clock oscillation frequency or external main system clock
frequency)
2. fIH:
High-speed on-chip oscillator clock frequency
3. fSUB: Subsystem clock frequency (XT1 clock oscillation frequency)
4. Except subsystem clock operation, temperature condition of the TYP. value is TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com