Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F100LE Datasheet(PDF) 87 Page - Renesas Technology Corp

Part # R5F100LE
Description  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100LE Datasheet(HTML) 87 Page - Renesas Technology Corp

Back Button R5F100LE Datasheet HTML 83Page - Renesas Technology Corp R5F100LE Datasheet HTML 84Page - Renesas Technology Corp R5F100LE Datasheet HTML 85Page - Renesas Technology Corp R5F100LE Datasheet HTML 86Page - Renesas Technology Corp R5F100LE Datasheet HTML 87Page - Renesas Technology Corp R5F100LE Datasheet HTML 88Page - Renesas Technology Corp R5F100LE Datasheet HTML 89Page - Renesas Technology Corp R5F100LE Datasheet HTML 90Page - Renesas Technology Corp R5F100LE Datasheet HTML 91Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 207 page
background image
RL78/G13
2. ELECTRICAL SPECIFICATIONS (TA = –40 to +85°C)
R01DS0131EJ0350 Rev.3.50
87 of 200
Jun 30, 2020
(6) Communication at different potential (1.8 V, 2.5 V, 3 V) (UART mode) (1/2)
(TA = –40 to +85°C, 1.8 V
≤ EVDD0 = EVDD1 ≤ VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
Parameter
Symbol
Conditions
HS (high-speed
main) Mode
LS (low-speed
main) Mode
LV (low-voltage
main) Mode
Unit
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
Transfer rate
Recep-
tion
4.0 V
≤ EVDD0 ≤ 5.5 V,
2.7 V
≤ Vb ≤ 4.0 V
fMCK/6
Note 1
fMCK/6
Note 1
fMCK/6
Note 1
bps
Theoretical value
of the maximum
transfer rate
fMCK = fCLK Note 4
5.3
1.3
0.6
Mbps
2.7 V
≤ EVDD0 < 4.0 V,
2.3 V
≤ Vb ≤ 2.7 V
fMCK/6
Note 1
fMCK/6
Note 1
fMCK/6
Note 1
bps
Theoretical value
of the maximum
transfer rate
fMCK = fCLK Note 4
5.3
1.3
0.6
Mbps
1.8 V
≤ EVDD0 < 3.3 V,
1.6 V
≤ Vb ≤ 2.0 V
fMCK/6
Notes 1 to 3
fMCK/6
Notes 1, 2
fMCK/6
Notes 1, 2
bps
Theoretical value
of the maximum
transfer rate
fMCK = fCLK Note 4
5.3
1.3
0.6
Mbps
Notes 1. Transfer rate in the SNOOZE mode is 4800 bps only.
2. Use it with EVDD0
≥ Vb.
3. The following conditions are required for low voltage interface when EVDD0 < VDD.
2.4 V
≤ EVDD0 < 2.7 V : MAX. 2.6 Mbps
1.8 V
≤ EVDD0 < 2.4 V : MAX. 1.3 Mbps
4. The maximum operating frequencies of the CPU/peripheral hardware clock (fCLK) are:
HS (high-speed main) mode:
32 MHz (2.7 V
≤ VDD ≤ 5.5 V)
16 MHz (2.4 V
≤ VDD ≤ 5.5 V)
LS (low-speed main) mode:
8 MHz (1.8 V
≤ VDD ≤ 5.5 V)
LV (low-voltage main) mode:
4 MHz (1.6 V
≤ VDD ≤ 5.5 V)
Caution
Select the TTL input buffer for the RxDq pin and the N-ch open drain output (VDD tolerance (When 20- to
52-pin products)/EVDD tolerance (When 64- to 128-pin products)) mode for the TxDq pin by using port
input mode register g (PIMg) and port output mode register g (POMg). For VIH and VIL, see the DC
characteristics with TTL input buffer selected.
Remarks 1.
Vb[V]: Communication line voltage
2.
q: UART number (q = 0 to 3), g: PIM and POM number (g = 0, 1, 8, 14)
3.
fMCK: Serial array unit operation clock frequency
(Operation clock to be set by the CKSmn bit of serial mode register mn (SMRmn). m: Unit number,
n: Channel number (mn = 00 to 03, 10 to 13)
4.
UART2 cannot communicate at different potential when bit 1 (PIOR1) of peripheral I/O redirection register
(PIOR) is 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com