Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F100LE Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # R5F100LE
Description  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100LE Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button R5F100LE Datasheet HTML 6Page - Renesas Technology Corp R5F100LE Datasheet HTML 7Page - Renesas Technology Corp R5F100LE Datasheet HTML 8Page - Renesas Technology Corp R5F100LE Datasheet HTML 9Page - Renesas Technology Corp R5F100LE Datasheet HTML 10Page - Renesas Technology Corp R5F100LE Datasheet HTML 11Page - Renesas Technology Corp R5F100LE Datasheet HTML 12Page - Renesas Technology Corp R5F100LE Datasheet HTML 13Page - Renesas Technology Corp R5F100LE Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 207 page
background image
RL78/G13
1. OUTLINE
R01DS0131EJ0350 Rev.3.50
10 of 200
Jun 30, 2020
Table 1-1. List of Ordering Part Numbers
(7/8)
Pin
count
Package
Data
flash
Fields of
Application
Note
Ordering Part Number
RENESAS Code
Product Name
Packaging
Specifications
80
pins
80-pin plastic
LQFP
(14
× 14
mm,
0.65-mm
pitch)
Mounted A
R5F100MFAFA, R5F100MGAFA, R5F100MHAFA,
R5F100MJAFA, R5F100MKAFA, R5F100MLAFA
#V0, #10, #30,
#X0, #50
PLQP0080JB-E
D
R5F100MFDFA, R5F100MGDFA, R5F100MHDFA,
R5F100MJDFA, R5F100MKDFA, R5F100MLDFA
G
R5F100MFGFA, R5F100MGGFA, R5F100MHGFA,
R5F100MJGFA
Not
mounted
A
R5F101MFAFA, R5F101MGAFA, R5F101MHAFA,
R5F101MJAFA, R5F101MKAFA, R5F101MLAFA
#V0, #10, #30,
#X0, #50
PLQP0080JB-E
D
R5F101MFDFA, R5F101MGDFA, R5F101MHDFA,
R5F101MJDFA, R5F101MKDFA, R5F101MLDFA
80-pin plastic
LFQFP
(12
× 12
mm,
0.5-mm
pitch)
Mounted A
R5F100MFAFB, R5F100MGAFB, R5F100MHAFB,
R5F100MJAFB, R5F100MKAFB, R5F100MLAFB
#V0, #X0
PLQP0080KE-A
#10, #30, #50
PLQP0080KB-B
D
R5F100MFDFB, R5F100MGDFB, R5F100MHDFB,
R5F100MJDFB, R5F100MKDFB, R5F100MLDFB
#V0, #X0
PLQP0080KE-A
#10, #30, #50
PLQP0080KB-B
G
R5F100MFGFB, R5F100MGGFB, R5F100MHGFB,
R5F100MJGFB
#V0, #X0
PLQP0080KE-A
#10, #30, #50
PLQP0080KB-B
Not
mounted
A
R5F101MFAFB, R5F101MGAFB, R5F101MHAFB,
R5F101MJAFB, R5F101MKAFB, R5F101MLAFB
#V0, #X0
PLQP0080KE-A
#10, #30, #50
PLQP0080KB-B
D
R5F101MFDFB, R5F101MGDFB, R5F101MHDFB,
R5F101MJDFB, R5F101MKDFB, R5F101MLDFB
#V0, #X0
PLQP0080KE-A
#10, #30, #50
PLQP0080KB-B
Note
For the fields of application, refer to Figure 1-1 Part Number, Memory Size, and Package of RL78/G13.
Caution The ordering part numbers represent the numbers at the time of publication. For the latest ordering part
numbers, refer to the target product page of the Renesas Electronics website.
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com