Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F100LE Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # R5F100LE
Description  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100LE Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button R5F100LE Datasheet HTML 67Page - Renesas Technology Corp R5F100LE Datasheet HTML 68Page - Renesas Technology Corp R5F100LE Datasheet HTML 69Page - Renesas Technology Corp R5F100LE Datasheet HTML 70Page - Renesas Technology Corp R5F100LE Datasheet HTML 71Page - Renesas Technology Corp R5F100LE Datasheet HTML 72Page - Renesas Technology Corp R5F100LE Datasheet HTML 73Page - Renesas Technology Corp R5F100LE Datasheet HTML 74Page - Renesas Technology Corp R5F100LE Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 207 page
background image
RL78/G13
2. ELECTRICAL SPECIFICATIONS (TA = –40 to +85°C)
R01DS0131EJ0350 Rev.3.50
71 of 200
Jun 30, 2020
(4) Peripheral Functions (Common to all products)
(TA = –40 to +85°C, 1.6 V
≤ EVDD0 = EVDD1 ≤ VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Low-speed on-
chip oscillator
operating current
IFILNote 1
0.20
µA
RTC operating
current
IRTC
Notes 1, 2, 3
0.02
µA
12-bit interval
timer operating
current
IIT Notes 1, 2, 4
0.02
µA
Watchdog timer
operating current
IWDT
Notes 1, 2, 5
fIL = 15 kHz
0.22
µA
A/D converter
operating current
IADC Notes 1, 6
When
conversion at
maximum speed
Normal mode, AVREFP = VDD = 5.0 V
1.3
1.7
mA
Low voltage mode, AVREFP = VDD = 3.0 V
0.5
0.7
mA
A/D converter
reference
voltage current
IADREF Note 1
75.0
µA
Temperature
sensor operating
current
ITMPS Note 1
75.0
µA
LVD operating
current
ILVI Notes 1, 7
0.08
µA
Self-
programming
operating current
IFSP Notes 1, 9
2.50
12.20
mA
BGO operating
current
IBGO Notes 1, 8
2.50
12.20
mA
SNOOZE
operating current
ISNOZ Note 1
ADC operation
The mode is performed Note 10
0.50
0.60
mA
The A/D conversion operations are
performed, Low voltage mode, AVREFP =
VDD = 3.0 V
1.20
1.44
mA
CSI/UART operation
0.70
0.84
mA
Notes 1. Current flowing to VDD.
2. When high speed on-chip oscillator and high-speed system clock are stopped.
3. Current flowing only to the real-time clock (RTC) (excluding the operating current of the low-speed on-chip
oscillator and the XT1 oscillator). The supply current of the RL78 microcontrollers is the sum of the values of
either IDD1 or IDD2, and IRTC, when the real-time clock operates in operation mode or HALT mode. When the
low-speed on-chip oscillator is selected, IFIL should be added. IDD2 subsystem clock operation includes the
operational current of the real-time clock.
4. Current flowing only to the 12-bit interval timer (excluding the operating current of the low-speed on-chip
oscillator and the XT1 oscillator). The supply current of the RL78 microcontrollers is the sum of the values of
either IDD1 or IDD2, and IIT, when the 12-bit interval timer operates in operation mode or HALT mode. When the
low-speed on-chip oscillator is selected, IFIL should be added.
5. Current flowing only to the watchdog timer (including the operating current of the low-speed on-chip oscillator).
The supply current of the RL78 microcontrollers is the sum of IDD1, IDD2 or IDD3 and IWDT when the watchdog
timer is in operation.
6. Current flowing only to the A/D converter. The supply current of the RL78 microcontrollers is the sum of IDD1 or
IDD2 and IADC when the A/D converter operates in an operation mode or the HALT mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com