Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F100LE Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # R5F100LE
Description  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100LE Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button R5F100LE Datasheet HTML 71Page - Renesas Technology Corp R5F100LE Datasheet HTML 72Page - Renesas Technology Corp R5F100LE Datasheet HTML 73Page - Renesas Technology Corp R5F100LE Datasheet HTML 74Page - Renesas Technology Corp R5F100LE Datasheet HTML 75Page - Renesas Technology Corp R5F100LE Datasheet HTML 76Page - Renesas Technology Corp R5F100LE Datasheet HTML 77Page - Renesas Technology Corp R5F100LE Datasheet HTML 78Page - Renesas Technology Corp R5F100LE Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 207 page
background image
RL78/G13
2. ELECTRICAL SPECIFICATIONS (TA = –40 to +85°C)
R01DS0131EJ0350 Rev.3.50
75 of 200
Jun 30, 2020
TCY vs VDD (LS (low-speed main) mode)
1.0
0.1
0
10
1.0
2.0
3.0
4.0
5.0
6.0
5.5
0.01
1.8
0.125
Supply voltage VDD [V]
When the high-speed on-chip oscillator clock is selected
During self programming
When high-speed system clock is selected
TCY vs VDD (LV (low-voltage main) mode)
1.0
0.1
0
10
1.0
2.0
3.0
4.0
5.0
6.0
5.5
0.01
1.8
0.25
1.6
Supply voltage VDD [V]
When the high-speed on-chip oscillator clock is selected
During self programming
When high-speed system clock is selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com