Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F100LE Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # R5F100LE
Description  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100LE Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button R5F100LE Datasheet HTML 43Page - Renesas Technology Corp R5F100LE Datasheet HTML 44Page - Renesas Technology Corp R5F100LE Datasheet HTML 45Page - Renesas Technology Corp R5F100LE Datasheet HTML 46Page - Renesas Technology Corp R5F100LE Datasheet HTML 47Page - Renesas Technology Corp R5F100LE Datasheet HTML 48Page - Renesas Technology Corp R5F100LE Datasheet HTML 49Page - Renesas Technology Corp R5F100LE Datasheet HTML 50Page - Renesas Technology Corp R5F100LE Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 207 page
background image
RL78/G13
1. OUTLINE
R01DS0131EJ0350 Rev.3.50
47 of 200
Jun 30, 2020
Notes 2.
The number of PWM outputs varies depending on the setting of channels in use (the number of masters and
slaves) (see 6.9.3 Operation as multiple PWM output function in the RL78/G13 User’s Manual).
3.
When setting to PIOR = 1
(2/2)
Item
40-pin
44-pin
48-pin
52-pin
64-pin
Clock output/buzzer output
2
2
2
2
2
● 2.44 kHz, 4.88 kHz, 9.76 kHz, 1.25 MHz, 2.5 MHz, 5 MHz, 10 MHz
(Main system clock: fMAIN = 20 MHz operation)
● 256 Hz, 512 Hz, 1.024 kHz, 2.048 kHz, 4.096 kHz, 8.192 kHz, 16.384 kHz, 32.768 kHz
(Subsystem clock: fSUB = 32.768 kHz operation)
8/10-bit resolution A/D converter
9 channels
10 channels
10 channels
12 channels
12 channels
Serial interface
[40-pin, 44-pin products]
● CSI: 1 channel/simplified I2C: 1 channel/UART: 1 channel
● CSI: 1 channel/simplified I2C: 1 channel/UART: 1 channel
● CSI: 2 channels/simplified I2C: 2 channels/UART (UART supporting LIN-bus): 1 channel
[48-pin, 52-pin products]
● CSI: 2 channels/simplified I2C: 2 channels/UART: 1 channel
● CSI: 1 channel/simplified I2C: 1 channel/UART: 1 channel
● CSI: 2 channels/simplified I2C: 2 channels/UART (UART supporting LIN-bus): 1 channel
[64-pin products]
● CSI: 2 channels/simplified I2C: 2 channels/UART: 1 channel
● CSI: 2 channels/simplified I2C: 2 channels/UART: 1 channel
● CSI: 2 channels/simplified I2C: 2 channels/UART (UART supporting LIN-bus): 1 channel
I2C bus
1 channel
1 channel
1 channel
1 channel
1 channel
Multiplier and divider/multiply-
accumulator
● 16 bits × 16 bits = 32 bits (Unsigned or signed)
● 32 bits ÷ 32 bits = 32 bits (Unsigned)
● 16 bits × 16 bits + 32 bits = 32 bits (Unsigned or signed)
DMA controller
2 channels
Vectored
interrupt sources
Internal
27
27
27
27
27
External
7
7
10
12
13
Key interrupt
4
4
6
8
8
Reset
● Reset by RESET pin
● Internal reset by watchdog timer
● Internal reset by power-on-reset
● Internal reset by voltage detector
● Internal reset by illegal instruction execution Note
● Internal reset by RAM parity error
● Internal reset by illegal-memory access
Power-on-reset circuit
● Power-on-reset:
1.51 V (TYP.)
● Power-down-reset:1.50 V (TYP.)
Voltage detector
● Rising edge :
1.67 V to 4.06 V (14 stages)
● Falling edge :
1.63 V to 3.98 V (14 stages)
On-chip debug function
Provided
Power supply voltage
VDD = 1.6 to 5.5 V (TA = -40 to +85°C)
VDD = 2.4 to 5.5 V (TA = -40 to +105°C)
Operating ambient temperature
TA = 40 to +85°C (A: Consumer applications, D: Industrial applications)
TA = 40 to +105°C (G: Industrial applications)
Note
The illegal instruction is generated when instruction code FFH is executed.
Reset by the illegal instruction execution not issued by emulation with the in-circuit emulator or on-chip debug
emulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com