Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F100LE Datasheet(PDF) 101 Page - Renesas Technology Corp

Part # R5F100LE
Description  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100LE Datasheet(HTML) 101 Page - Renesas Technology Corp

Back Button R5F100LE Datasheet HTML 97Page - Renesas Technology Corp R5F100LE Datasheet HTML 98Page - Renesas Technology Corp R5F100LE Datasheet HTML 99Page - Renesas Technology Corp R5F100LE Datasheet HTML 100Page - Renesas Technology Corp R5F100LE Datasheet HTML 101Page - Renesas Technology Corp R5F100LE Datasheet HTML 102Page - Renesas Technology Corp R5F100LE Datasheet HTML 103Page - Renesas Technology Corp R5F100LE Datasheet HTML 104Page - Renesas Technology Corp R5F100LE Datasheet HTML 105Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 207 page
background image
RL78/G13
2. ELECTRICAL SPECIFICATIONS (TA = –40 to +85°C)
R01DS0131EJ0350 Rev.3.50
101 of 200
Jun 30, 2020
CSI mode serial transfer timing (slave mode) (during communication at different potential)
(When DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1.)
SIp
Input data
Output data
SOp
tKCY2
tKL2
tKH2
tSIK2
tKSI2
tKSO2
SCKp
CSI mode serial transfer timing (slave mode) (during communication at different potential)
(When DAPmn = 0 and CKPmn = 1, or DAPmn = 1 and CKPmn = 0.)
SIp
Input data
Output data
SOp
tKCY2
tKL2
tKH2
tSIK2
tKSI2
tKSO2
SCKp
Remarks 1. p: CSI number (p = 00, 01, 10, 20, 30, 31), m: Unit number,
n: Channel number (mn = 00, 01, 02, 10, 12. 13), g: PIM and POM number (g = 0, 1, 4, 5, 8, 14)
2. CSI01 of 48-, 52-, 64-pin products, and CSI11 and CSI21 cannot communicate at different potential. Use
other CSI for communication at different potential.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com